Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNA086AE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # TNA086AE
Description  MPU/MCU
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TNA086AE Datasheet(HTML) 5 Page - Renesas Technology Corp

  TNA086AE Datasheet HTML 1Page - Renesas Technology Corp TNA086AE Datasheet HTML 2Page - Renesas Technology Corp TNA086AE Datasheet HTML 3Page - Renesas Technology Corp TNA086AE Datasheet HTML 4Page - Renesas Technology Corp TNA086AE Datasheet HTML 5Page - Renesas Technology Corp TNA086AE Datasheet HTML 6Page - Renesas Technology Corp TNA086AE Datasheet HTML 7Page - Renesas Technology Corp TNA086AE Datasheet HTML 8Page - Renesas Technology Corp TNA086AE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
RENESAS TECHNICAL UPDATE TN-RX*-A086A/E
Date: Jan. 30, 2014
Page 5 of 16
It should be:
On-chip
ROM
On-chip
RAM
Operating
Operating
Group
Part No.
Order Part No.
Package
Capacity
Capacity
Option
Voltage
Temperature
RX63T
R5F563TCAGFA
R5F563TCAGFA#V1
PLQP0120KA-A
384 Kbytes
32 Kbytes
CAN module
included
VCC/
PLLVCC
4.0 to 5.5V
VCC_USB
3.0 to 3.6V
AVCC/
AVCC0 4.0 to
5.5V
-40 to +105°C
(G Version)*1
R5F563TCAGFH
R5F563TCAGFH#V1
PLQP0112JA-A
384 Kbytes
32 Kbytes
CAN module
included
R5F563TCAGFP
R5F563TCAGFP#V1
PLQP0100KB-A
384 Kbytes
32 Kbytes
CAN module
included
R5F563TBAGFB
R5F563TBAGFB#V1
PLQP0144KA-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TBAGFA
R5F563TBAGFA#V1
PLQP0120KA-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TBAGFH
R5F563TBAGFH#V1
PLQP0112JA-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TBAGFP
R5F563TBAGFP#V1
PLQP0100KB-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TEBGFB
R5F563TEBGFB#V1
PLQP0144KA-A
512 Kbytes
48 Kbytes
CAN module
included
VCC/
PLLVCC/
VCC_USB
2.7 to 3.6V
AVCC/
AVCC0 3.0 to
3.6V or
4.0 to 5.5V
R5F563TEBGFA
R5F563TEBGFA#V1
PLQP0120KA-A
512 Kbytes
48 Kbytes
CAN module
included
R5F563TEBGFH
R5F563TEBGFH#V1
PLQP0112JA-A
512 Kbytes
48 Kbytes
CAN module
included
R5F563TEBGFP
R5F563TEBGFP#V1
PLQP0100KB-A
512 Kbytes
48 Kbytes
CAN module
included
R5F563TCBGFB
R5F563TCBGFB#V1
PLQP0144KA-A
384 Kbytes
32 Kbytes
CAN module
included
R5F563TCBGFA
R5F563TCBGFA#V1
PLQP0120KA-A
384 Kbytes
32 Kbytes
CAN module
included
R5F563TCBGFH
R5F563TCBGFH#V1
PLQP0112JA-A
384 Kbytes
32 Kbytes
CAN module
included
R5F563TCBGFP
R5F563TCBGFP#V1
PLQP0100KB-A
384 Kbytes
32 Kbytes
CAN module
included


Similar Part No. - TNA086AE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TNA086AE RENESAS-TNA086AE Datasheet
669Kb / 16P
   MPU/MCU
TNA086AE RENESAS-TNA086AE Datasheet
669Kb / 16P
   MPU/MCU
More results

Similar Description - TNA086AE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TNR8CA041AE RENESAS-TNR8CA041AE Datasheet
251Kb / 3P
   MPU/MCU
TNA089AE RENESAS-TNA089AE Datasheet
209Kb / 4P
   MPU & MCU
TNA091AE RENESAS-TNA091AE Datasheet
173Kb / 10P
   MPU/MCU
TNR8CA040AE RENESAS-TNR8CA040AE Datasheet
715Kb / 5P
   MPU/MCU
TNSH7A883AE RENESAS-TNSH7A883AE Datasheet
174Kb / 1P
   MPU/MCU
TNA086AE RENESAS-TNA086AE Datasheet
669Kb / 16P
   MPU/MCU
TNA090AE RENESAS-TNA090AE Datasheet
178Kb / 2P
   MPU & MCU
TNRLA023AE RENESAS-TNRLA023AE Datasheet
499Kb / 13P
   MPU/MCU
TNV85A003AE RENESAS-TNV85A003AE Datasheet
179Kb / 3P
   MPU/MCU
TNA087AE RENESAS-TNA087AE Datasheet
185Kb / 2P
   MPU & MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com