Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CZTA27 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CZTA27
Description  NPN HIGH VOLTAGE DARLINGTON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 1 page
background image
CZTA27
SURFACE MOUNT
HIGH VOLTAGE NPN
SILICON DARLINGTON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZTA27 type is
a NPN Silicon Darlington Transistor manufactured by
the epitaxial planar process, epoxy molded in a surface
mount package, designed for applications requiring
extremely high gain and high voltage.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Emitter Voltage
VCES
60
V
Emitter-Base Voltage
VEBO
10
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=50V
100
nA
ICES
VCE=50V
500
nA
IEBO
VEB=10V
100
nA
BVCBO
IC=100µA
60
V
BVCES
IC=100µA
60
V
VCE(SAT)
IC=100mA, IB=0.1mA
1.5
V
VBE(ON)
VCE=5.0V, IC=100mA
2.0
V
hFE
VCE=5.0V, IC=10mA
10,000
hFE
VCE=5.0V, IC=100mA
10,000
fT
VCE=5.0V, IC=10mA, f=100MHz
125
MHz
SOT-223 CASE
SOT-223 CASE
R3 (1-March 2010)
www.centra lsemi.com




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FCX705120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR 1 2 3 4 5 Zetex Semiconductors
BU808DFHHIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
NTE2317Silicon NPN Transistor High Voltage Fast Switching Power Darlington 1 2 NTE Electronics
NTE2557Silicon NPN Transistor Darlington High Voltage Switch Power Amp 1 2 NTE Electronics
CMPTA29HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR 1 2 Central Semiconductor Corp
NTE2558Silicon NPN Transistor Darlington High Voltage High Speed Switch w/ Damper Diode 1 2 NTE Electronics
CZT2000NPN SILICON EXTREMELY HIGH VOLTAGE DARLINGTON TRANSISTOR 1 2 Central Semiconductor Corp
NTE2540Silicon NPN Transistor Darlington High Voltage Switch 1 2 NTE Electronics
CP257Small Signal Transistor NPN - High Voltage Darlington Transistor Chip 1 2 Central Semiconductor Corp
FCX605120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR 1 2 3 4 5 Zetex Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl