Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE9.1A Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # P4KE9.1A
Description  TRANSIENT VOLTAGE SUPPRESSOR (TVS)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

P4KE9.1A Datasheet(HTML) 1 Page - Digitron Semiconductors

  P4KE9.1A Datasheet HTML 1Page - Digitron Semiconductors P4KE9.1A Datasheet HTML 2Page - Digitron Semiconductors P4KE9.1A Datasheet HTML 3Page - Digitron Semiconductors P4KE9.1A Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
P4KE6.8-P4KE400
TRANSIENT VOLTAGE SUPPRESSOR (TVS)
MAXIMUM RATINGS
Peak Pulse Power Dissipation @ 25°C:
400 Watts
Steady State Power:
2.5 Watts @ TL = 25°C at 3/8” (10mm) from body, or 1.13 Watt at TA = 25°C on FR4 PC board
described for thermal resistance
Forward Voltage @ 25°C:
3.5 V @ 30 A with 8.3 ms half-sine wave (unidirectional only)
Operating and Storage Temperature:
-65° to +175°C
ELECTRICAL CHARACTERISTICS
Breakdown Voltage
V(BR)
Type Number
Rated
Stand-Off
Voltage
VWM
Min
Max
lT
mA
Maximum
Clamping
Voltage
VC MAX.
@ lpp
Maximum
Reverse
Leakage
Current
lD @ VWM
Maximum
Peak Pulse
Current
lpp
Maximum
Temperature
Coefficient
Of ∞ V(BR)
V
VDC
VDC
V
μADC
A
%/°C
P4KE6.8
P4KE6.8A
P4KE7.5
P4KE7.5A
5.50
5.80
6.05
6.40
6.12
6.45
6.75
7.13
7.48
7.14
8.25
7.88
10
10
10
10
10.8
10.5
11.7
11.3
500
500
200
200
37
38
34
35
.057
.057
.061
.061
P4KE8.2
P4KE8.2A
P4KE9.1
P4KE9.1A
6.63
7.02
7.37
7.78
7.38
7.79
8.19
8.65
9.02
8.61
10.0
9.55
10
10
1
1
12.5
12.1
13.8
13.4
100
100
20
20
32
33
29
30
.065
.065
.068
.068
P4KE10
P4KE10A
P4KE11
P4KE11A
8.10
8.55
8.92
9.40
9.00
9.50
9.90
10.5
11.0
10.5
12.1
11.6
1
1
1
1
15.0
14.5
16.2
15.6
5
5
2
2
27
28
25
26
.073
.073
.075
.075
P4KE12
P4KE12A
P4KE13
P4KE13A
9.72
10.2
10.5
11.1
10.8
11.4
11.7
12.4
13.2
12.6
14.3
13.7
1
1
1
1
17.3
16.7
19.0
18.2
1
1
1
1
23
24
21
22
.078
.078
.081
.081
P4KE15
P4KE15A
P4KE16
P4KE16A
12.1
12.8
12.9
13.6
13.5
14.3
14.4
15.2
16.5
15.8
17.6
16.8
1
1
1
1
22.0
21.2
23.5
22.5
1
1
1
1
18
19
17
18
.084
.084
.086
.086
P4KE18
P4KE18A
P4KE20
P4KE20A
14.5
15.3
16.2
17.1
16.2
17.1
18.0
19.0
19.8
18.0
22.0
21.0
1
1
1
1
26.5
25.2
29.1
27.7
1
1
1
1
15
16
14
14.5
.088
.088
.090
.090
P4KE22
P4KE22A
P4KE24
P4KE24A
17.8
18.8
19.4
20.5
19.8
20.9
21.6
22.8
24.2
23.1
26.4
25.2
1
1
1
1
31.9
30.6
34.7
33.2
1
1
1
1
12.5
13
11.5
12
.092
.092
.094
.094
P4KE27
P4KE27A
P4KE30
P4KE30A
21.8
23.1
24.3
25.6
24.3
25.7
27.0
28.5
29.7
28.4
33.0
31.5
1
1
1
1
39.1
37.5
43.5
41.4
1
1
1
1
10
11
9.0
9.5
.096
.096
.097
.097
P4KE33
P4KE33A
P4KE36
P4KE36A
26.8
28.2
29.1
30.8
29.7
31.4
32.4
34.2
36.3
34.7
39.6
37.8
1
1
1
1
47.7
45.7
52.0
49.9
1
1
1
1
8.5
9.0
7.5
8.0
.098
.098
.099
.099
P4KE39
P4KE39A
P4KE43
P4KE43A
31.6
33.3
34.8
36.8
35.1
37.1
38.7
40.9
42.9
41.0
47.3
45.2
1
1
1
1
56.4
53.9
61.9
59.3
1
1
1
1
7.0
7.5
6.5
7.0
.100
.100
.101
.101
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120821


Similar Part No. - P4KE9.1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE9.1A PANJIT-P4KE9.1A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
DONGGUAN YOU FENG WEI E...
P4KE9.1A YFWDIODE-P4KE9.1A Datasheet
97Kb / 3P
   Unidirectional And Bidirectional
logo
Taiwan Semiconductor Co...
P4KE9.1A TSC-P4KE9.1A Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
Comchip Technology
P4KE9.1A COMCHIP-P4KE9.1A Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P4KE9.1A NJSEMI-P4KE9.1A Datasheet
212Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE9.1A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD119-B1-W01005 INFINEON-ESD119-B1-W01005 Datasheet
728Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.2, 2016-04-07
logo
Shenzhen Luguang Electr...
5KP5.0 LUGUANG-5KP5.0 Datasheet
237Kb / 4P
   TVS Transient Voltage Suppressor
logo
Infineon Technologies A...
ESD230-B1-W0201 INFINEON-ESD230-B1-W0201 Datasheet
976Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.0, 2016-04-22
ESD102-U1-02ELS INFINEON-ESD102-U1-02ELS Datasheet
782Kb / 16P
   TVS (Transient Voltage Suppressor)
Revision 1.2, 2015-12-14
logo
Tiger Electronic Co.,Lt...
5KP TGS-5KP Datasheet
265Kb / 4P
   TVS Transient Voltage Suppressor
logo
Infineon Technologies A...
ESD101-B1-02ELS INFINEON-ESD101-B1-02ELS Datasheet
656Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.3, 2015-07-13
ESD128-B1-W0201 INFINEON-ESD128-B1-W0201 Datasheet
799Kb / 16P
   TVS (Transient Voltage Suppressor)
Revision 1.3, 2016-04-06
logo
Tiger Electronic Co.,Lt...
5KP5.0 TGS-5KP5.0 Datasheet
270Kb / 4P
   TVS Transient Voltage Suppressor
logo
STMicroelectronics
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
   transient voltage surge suppressor (TVS)
logo
Torex Semiconductor
XBP4SMAJ TOREX-XBP4SMAJ Datasheet
212Kb / 5P
   400W Transient Voltage Suppressor (TVS)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com