Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RMLV0416E Datasheet(PDF) 13 Page - Renesas Technology Corp

Part No. RMLV0416E
Description  4Mb Advanced LPSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

RMLV0416E Datasheet(HTML) 13 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RMLV0416E Series
R10DS0205EJ0100 Rev.1.00
Page 13 of 13
2014.2.27
Low Vcc Data Retention Timing Waveforms (CS1# controlled)
Low Vcc Data Retention Timing Waveforms (CS2 controlled)
Low Vcc Data Retention Timing Waveforms (LB#,UB# controlled)
LB#,UB#
VCC
LB#,UB# Controlled
tCDR
tR
2.7V
2.7V
2.2V
2.2V
VDR
LB#,UB# ≥ VCC -0.2V
CS1#
VCC
CS1# Controlled
tCDR
tR
2.7V
2.7V
2.2V
2.2V
VDR
CS1# ≥ VCC -0.2V
CS2
VCC
CS2 Controlled
tCDR
tR
2.7V
2.7V
0.6V
0.6V
VDR
CS2 ≤ 0.2V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn