Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL78L1C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RL78L1C
Description  RENESAS MCU
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78L1C Datasheet(HTML) 4 Page - Renesas Technology Corp

  RL78L1C Datasheet HTML 1Page - Renesas Technology Corp RL78L1C Datasheet HTML 2Page - Renesas Technology Corp RL78L1C Datasheet HTML 3Page - Renesas Technology Corp RL78L1C Datasheet HTML 4Page - Renesas Technology Corp RL78L1C Datasheet HTML 5Page - Renesas Technology Corp RL78L1C Datasheet HTML 6Page - Renesas Technology Corp RL78L1C Datasheet HTML 7Page - Renesas Technology Corp RL78L1C Datasheet HTML 8Page - Renesas Technology Corp RL78L1C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 153 page
background image
RL78/L1C
1. OUTLINE
R01DS0192EJ0200 Rev. 2.00
Page 4 of 149
Feb 21, 2014
Figure 1 - 1 Part Number, Memory Size, and Package of RL78/L1C
Caution
Orderable part numbers are current as of when this manual was published.
Please make sure to refer to the relevant product page on the Renesas website for the latest part numbers.
Packaging specification:
#30: Tray (LFQFP)
#U0: Tray (VFLGA)
#50: Embossed Tape (LFQFP)
#W0: Embossed Tape (VFLGA)
R 5 F 1 1 0 P E A x x x F B # 3 0
Part No.
Package type:
FB: LFQFP, 0.50 mm pitch
LA: VFLGA, 0.65 mm pitch
Fields of application:
A: Consumer applications, TA = -40 to +85 °C
G: Industrial applications, TA = -40 to +105 °C
ROM capacity:
E: 64 KB
F: 96 KB
G: 128 KB
H: 192 KB
J: 256 KB
Pin count:
M: 80-pin
N: 85-pin
P: 100-pin
RL78/L1C Group
110: Products with USB
111: Products without USB
Memory type:
F: Flash memory
Renesas MCU
Renesas semiconductor product
ROM number (Omitted with blank products)


Similar Part No. - RL78L1C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78L12 RENESAS-RL78L12_15 Datasheet
922Kb / 80P
   Integrated LCD controller/driver, True Low Power Platform (as low as 62.5 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L13 RENESAS-RL78L13_15 Datasheet
187Kb / 14P
   Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 關A/MHz, and 0.61 關A for RTC LVD), 1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
More results

Similar Description - RL78L1C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com