Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE11CA Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # P6KE11CA
Description  Axial Lead Transient Voltage Suppressors (TVS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

P6KE11CA Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  P6KE11CA Datasheet HTML 1Page - Socay Electornics Co., Ltd. P6KE11CA Datasheet HTML 2Page - Socay Electornics Co., Ltd. P6KE11CA Datasheet HTML 3Page - Socay Electornics Co., Ltd. P6KE11CA Datasheet HTML 4Page - Socay Electornics Co., Ltd. P6KE11CA Datasheet HTML 5Page - Socay Electornics Co., Ltd. P6KE11CA Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision September 25, 2013
1 / 6
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
P6KE Series
6.8 To 600 V
600W
SOCAY Electronics Co., Ltd.
www.socay.com
The P6KE series is designed specifically to protect sensitive electronic
equipment from voltage transients induced by lightning and other transient
voltage events.
Uni-directional
Bi-directional
u
Glass passivated chip junction in DO-15 Package
u
Low leakage
u
Uni and Bidirectional unit
u
Excellent clamping capability
u
600W Peak power capability at 10
× 1000µs waveform Repetition rate
(duty cycle):0.01%
u
Fast response time: typically less than 1.0ps from 0 Volts to VBR min
u
Typical IR less than 5μA above 12V.
u
High Temperature soldering: 260
°C/40 seconds at terminals
u
Typical maximum temperature coefficient
ΔV
BR = 0.1% ×
VBR@25°C× ΔT
u
Plastic package has Underwriters Laboratory Flammability 94V-0
u
Matte tin lead
–free Plated
u
Halogen free and RoHS compliant
u
Typical failure mode is short from over-specified voltage or current
u
Whisker test is conducted based on JEDEC JESD201A per its table
4a and 4c
u
IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)
u
ESD protection of data lines in accordance with IEC 61000-4-2
(IEC801-2)
u
EFT protection of data lines in accordance with IEC 61000-4-4
(IEC801-4)
AGENCY
AGENCY FILE NUMBER
E341027
TVS devices are ideal for the protection of I/O interfaces, VCC bus and other
vulnerable circuits used in Telecom, Computer, Industrial and Consumer
electronic applications.
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation with a 10/1000
µs waveform (Fig.1)(Note
1), (Note 2)
PPPM
600
Watts
Peak Pulse Current with a 10/1000
µs waveform.(Note1,Fig.3)
IPP
See Next Table
Amps
Power Dissipation on Infinite Heat Sink at TL=75°C
PM(AV)
5.0
Watt
Peak Forward Surge Current, 8.3ms Single Half Sine Wave (Note 3)
IFSM
100
Amps
Maximum Instantaneous Forward Voltage at 25A for Unidirectional Only
(Note 4)
VF
3.5/5.0
Voltage
Operating junction and Storage Temperature Range.
TJ , TSTG
-55 to +150
°C
Notes:
1. Non-repetitive current pulse, per Fig. 3 and derated above TA = 25°C per Fig. 2.
2. Mounted on 5.0mm x 5.0mm (0.03mm thick) Copper Pads to each terminal.
3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
4. VF < 3.5V for VBR < 200V and VF< 6.5V for VBR > 201V.
Maximum Ratings
(TA=25℃ unless otherwise noted)
Agency Approvals
Applications
Functional Diagram
Description
Features
Bi-directional
Uni-direction
Cathode
Anode


Similar Part No. - P6KE11CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE11CA PANJIT-P6KE11CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
HuaXinAn Electronics CO...
P6KE11CA HUAXINAN-P6KE11CA Datasheet
371Kb / 5P
   Transient Voltage Suppressors
logo
Pan Jit International I...
P6KE11CA PANJIT-P6KE11CA Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
P6KE11CA UNSEMI-P6KE11CA Datasheet
3Mb / 7P
   6.8 To 600V 600W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Socay Electornics Co., ...
P6KE11CA SOCAY-P6KE11CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - P6KE11CA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
20KPA20A SOCAY-20KPA20A Datasheet
449Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
3KP5.0 SOCAY-3KP5.0 Datasheet
485Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
1.5KE6.8 SOCAY-1.5KE6.8 Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
8KP24A SOCAY-8KP24A Datasheet
414Kb / 3P
   Axial Lead Transient Voltage Suppressors (TVS)
5KP5.0 SOCAY-5KP5.0 Datasheet
515Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
15KPA17A SOCAY-15KPA17A Datasheet
452Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
SA5.0 SOCAY-SA5.0 Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
15KPA SOCAY-15KPA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
November 8, 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com