Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA8.0CA Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd.

Part # SA8.0CA
Description  Axial Lead Transient Voltage Suppressors (TVS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SA8.0CA Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd.

  SA8.0CA Datasheet HTML 1Page - Socay Electornics Co., Ltd. SA8.0CA Datasheet HTML 2Page - Socay Electornics Co., Ltd. SA8.0CA Datasheet HTML 3Page - Socay Electornics Co., Ltd. SA8.0CA Datasheet HTML 4Page - Socay Electornics Co., Ltd. SA8.0CA Datasheet HTML 5Page - Socay Electornics Co., Ltd. SA8.0CA Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision August 25, 2013
5 / 6
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SA Series
5.0 To 190 V
500W
SOCAY Electronics Co., Ltd.
www.socay.com
Temperature Cycle
JESD22-A104
Weight
0.015 ounce, 0.4 gram
Pressure Cooker
JESD22-A102
Case
JEDEC DO-204AC (DO-15) Molded
Plastic over glass passivated junction
High Temp. Storage
JESD22-A103
Polarity
Color band denotes cathode except
Bipolar
HTRB
JESD22-A108
Terminal
Matte Tin-plated leads, Solderable per
JESD22-B102D
Thermal Shock
JESD22-A106
Reflow Condition
Lead
–free assembly
-Temperature Min (Ts(min))
150
°C
-Temperature Max (Ts(max))
200
°C
Pre Heat
- Time (min to max) (ts)
60 -180 Seconds
Average ramp up rate ( Liquidus Temp TL)
to peak
3
°C/second max
TS(max) to TL - Ramp-up Rate
3
°C/second max
- Temperature (TL) (Liquidus)
217
°C
Reflow
- Time (min to max) (ts)
60 -150 Seconds
Peak Temperature (TP)
260 +0/-5
°C
Time
within
5
°C
of
actual
peak
Temperature (tp)
20 -40 Seconds
Ramp-down Rate
6
°C/second max
Time 25
°C to peak Temperature (T
P)
8 minutes Max
Do not exceed
280
°C
Ramp-down
Preheat
Critical Zone
TL to TP
Time to peak temperature
(t 25℃ to peak)
TP
TL
TS(max)
TS(min)
25
Ramp-up
Time
I-V Curve Characteristics
Physical Specifications
Environmental Specifications
Soldering Parameters


Similar Part No. - SA8.0CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA8.0CA PANJIT-SA8.0CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
MERITEK ELECTRONICS COR...
SA8.0CA MERITEK-SA8.0CA Datasheet
293Kb / 4P
   Transient Voltage Suppressors
logo
Shanghai Yint Electroni...
SA8.0CA YINT-SA8.0CA Datasheet
843Kb / 5P
   SA Transient Voltage Suppressor Diode Series
logo
Won-Top Electronics
SA8.0CA WTE-SA8.0CA Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Ruilongyuan Electronics...
SA8.0CA RUILON-SA8.0CA Datasheet
848Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - SA8.0CA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
20KPA20A SOCAY-20KPA20A Datasheet
449Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
3KP5.0 SOCAY-3KP5.0 Datasheet
485Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
1.5KE6.8 SOCAY-1.5KE6.8 Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
8KP24A SOCAY-8KP24A Datasheet
414Kb / 3P
   Axial Lead Transient Voltage Suppressors (TVS)
5KP5.0 SOCAY-5KP5.0 Datasheet
515Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
15KPA17A SOCAY-15KPA17A Datasheet
452Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
P6KE6.8 SOCAY-P6KE6.8 Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
15KPA SOCAY-15KPA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
November 8, 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com