Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P15B Datasheet(PDF) 7 Page - HuaXinAn Electronics CO.,LTD

Part # P15B
Description  SIDACtor Protection Thyristors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

P15B Datasheet(HTML) 7 Page - HuaXinAn Electronics CO.,LTD

  P15B Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD P15B Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD P15B Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD P15B Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD P15B Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD P15B Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD P15B Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
(SIDACtor Protection Thyristors )
Sample pictures
P008A
P008B
Fast Delivery Time
Fast Delivery Time
P35A
P35B
Fast Delivery Time
Fast Delivery Time
Shen Zhen HuaXinAn Electronics Co.,Ltd
sales@huaandz.com
abc0734@126.com
7
Revised:February 25,2014
www.huaandz.com
Tel:+86-755-27465585


Similar Part No. - P15B

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
P15B HUAXINAN-P15B Datasheet
393Kb / 7P
   SIDACtor Protection Thyristors
logo
HY-LINE Power Component...
P15B12D05 HY-LINE-P15B12D05 Datasheet
163Kb / 2P
   15W DC-DC Converter P15B-Series
Rev: 01 / 2005 f
P15B12D12 HY-LINE-P15B12D12 Datasheet
163Kb / 2P
   15W DC-DC Converter P15B-Series
Rev: 01 / 2005 f
P15B12D15 HY-LINE-P15B12D15 Datasheet
163Kb / 2P
   15W DC-DC Converter P15B-Series
Rev: 01 / 2005 f
P15B12S05 HY-LINE-P15B12S05 Datasheet
163Kb / 2P
   15W DC-DC Converter P15B-Series
Rev: 01 / 2005 f
More results

Similar Description - P15B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SDP0080Q38CB LITTELFUSE-SDP0080Q38CB Datasheet
912Kb / 5P
   SIDACtor Protection Thyristors
P3403ACMCL LITTELFUSE-P3403ACMCL Datasheet
1Mb / 4P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SB HUAXINAN-P2000SB Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P20C HUAXINAN-P20C Datasheet
294Kb / 4P
   SIDACtor Protection Thyristors
P0080ECMCL HUAXINAN-P0080ECMCL Datasheet
332Kb / 6P
   SIDACtor Protection Thyristors
P0080SCMCLRP HUAXINAN-P0080SCMCLRP Datasheet
314Kb / 5P
   SIDACtor Protection Thyristors
P11LA HUAXINAN-P11LA Datasheet
320Kb / 6P
   SIDACtor Protection Thyristors
logo
Littelfuse
P0300SCRP LITTELFUSE-P0300SCRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SALRP HUAXINAN-P2000SALRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P2000SCLRP HUAXINAN-P2000SCLRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com