Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNUN7222MSEG Datasheet(PDF) 1 Page - Nichicon corporation

Part # LNUN7222MSEG
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LNUN7222MSEG Datasheet(HTML) 1 Page - Nichicon corporation

  LNUN7222MSEG Datasheet HTML 1Page - Nichicon corporation LNUN7222MSEG Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
NU
NU
series
Screw Terminal Type, 105°C
High Voltage, Smaller Sized.
Suited for use in industrial power supplies for inverter circuitry, etc.
Rated voltage range up to DC525V.
Load life of 5000 hours application of ripple current at 105°C.
High voltage / Smaller sized than NT series.
Coped with loading of high speed charge-discharge.
Suited for high frequency regenerative voltage for AC servomotor,
general inverter.
Compliant to the RoHS directive (2011/65/EU).
P
7
Pressure relief vent
Pressure relief vent
A±2
120
°
30
°
Sleeve
Bottom plate
Hexagenal headed bolt
P±2
B
T
U
L+ MAX.
H±1
±1
h
U
S
Drawing
Dimension table in next page.
B
3-leg brackets for
φ90 capacitors have different
hole shapes from the ordinary ones illustrated
below.
7.5
8.0
7.0
8.0
6.0
7.0
6.0
6.0
5.0
5.0
5.0
5.0
4.5
4.5
4.5
4.5
14
14
14
14
30
30
30
30
51
63.5
76.2
90
51
63.5
76.2
90
33.2
40.5
46.5
53
38.5
43
49.2
58.5
32.5
38.1
44.5
50.8
40
46.5
53
59
20
25
30
35
25
35
35
35
15
20
24
25
15
20
20
20
12
14
14
18
60
60
60
60
P
A
H
h
T
S
U
°
3--Leg
2--Leg
Symbol
Leg shape
φD
φD
51
63.5
76.2
90
W
22.0
28.6
31.8
31.8
R
6
6
6
6
α
3
3
3
3
Nominal dia. of bolt
M5
M5
M5
M5
(mm)
NT
Type numbering system (Example : 500V 4700µF)
L
1
N
2
U
3
2
4
HH
5
4
6
7
7
2
8
M
9
S
10
E
11
12
13 14
Capacitance tolerance (
±20%)
Case dia. code
Mounting bracket
φD
Rated Capacitance (4700
µF)
Rated voltage (500V)
Series name
Type
51
63.5
76.2
Code less
BB
BN
3-leg brackets
2-leg brackets
No brackets
90
F
G
H
J
Code
Configuration
Configuration
standerd
specifications
SE
stud mount type
TE
(φ 51 to φ 90)
Please refer to page 330 for schematic of dimensions.
Please contact to us if PVC less products are required.
Note) The brackets will be supplied in the separate box.
Dimensions of mounting bracket
(mm)
Dimension of terminal pitch (W) and length (R) and Nominal dia.of bolt
Stability at Low Temperature
Tangent of loss angle (tan
δ)
Measurement frequeny : 120Hz
Rated voltage(V)
Impedance ratio
ZT/Z
20(MAX.)
400 to 525
Z – 40°C / Z+20°C
8
Item
Performance Characteristics
The specifications listed at right shall be met when the capacitors are
restored to 20°C after D.C. bias plus rated ripple current is applied for
5000 hours at 105°C, the peak voltage shall not exceed the rated
voltage.
After storing the capacitors under no load at 105°C for 1000 hours
and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the reguirements listed at right.
After an application of charge-discharge voltage for 50million times
(charge-discharge voltage difference(
∆V) = rated voltage
× 0.3, cycle 3Hz)
capacitors shall meet the characteristics requirement listed at right.
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Insulation Resistance
The insulation resistance shall be more than 100M
Ω at DC 500V application between terminal and bracket.
Voltage proof
There is no abnormality during AC 2500V 1 minute's application between terminal and bracket.
Endurance
Shelf Life
Endurance of charge -
discharge behavior
Marking
40 to +105°C
400 to 525V
680 to 18000µF
± 20% (120Hz, 20°C)
Printed with white color letter on black sleeve
0.2MAX. (120Hz at 20°C)
Capacitance change
tan
δ
Leakage current
Within ±20% of the initial capacitance value
200% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan
δ
Leakage current
Within ±20% of the initial capacitance value
200% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan
δ
Leakage current
Within ±20% of the initial capacitance value
200% or less than the initial specified value
Less than or equal to the initial specified value
Leakage Current
After 5 minutes' application of rated voltage, leakage current is not more than
(µA) or 5 mA, whichever is smaller. (at 20°C)
[C : Rated Capacitance(µF), V : Voltage (V) ]
3 CV
About product of stud bolt
Nylon nut and nylon washer attachment become the standard
specifications. (cf. P.330)
It is not attached to the bracket.
Field 13 and 14 become blank in Type number system.
High
Voltage
Smaller
CAT.8100C


Similar Part No. - LNUN7222MSEG

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LNU-12C PAIRUI-LNU-12C Datasheet
377Kb / 3P
   Constant current LED Drivers
LNU-18C PAIRUI-LNU-18C Datasheet
375Kb / 3P
   Constant current LED Drivers
LNU-25C PAIRUI-LNU-25C Datasheet
377Kb / 3P
   Constant current LED Drivers
LNU-40C PAIRUI-LNU-40C Datasheet
363Kb / 3P
   Constant current LED Drivers
LNU-5C PAIRUI-LNU-5C Datasheet
366Kb / 3P
   Constant current LED Drivers
More results

Similar Description - LNUN7222MSEG

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com