Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDN01G64D1BJ2SA-50 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SDN01G64D1BJ2SA-50
Description  1024MB DDR SDRAM SoDIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDN01G64D1BJ2SA-50 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SDN01G64D1BJ2SA-50 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDN01G64D1BJ2SA-50 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDN01G64D1BJ2SA-50 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDN01G64D1BJ2SA-50 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDN01G64D1BJ2SA-50 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDN01G64D1BJ2SA-50 Datasheet HTML 10Page - List of Unclassifed Manufacturers SDN01G64D1BJ2SA-50 Datasheet HTML 11Page - List of Unclassifed Manufacturers SDN01G64D1BJ2SA-50 Datasheet HTML 12Page - List of Unclassifed Manufacturers SDN01G64D1BJ2SA-50 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet
Rev.1.1
24.01.2013
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 9
CH
– 9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
email: info@swissbit.com
of 14
AC CHARACTERISTICS
3200-3.0-3-3
2700-2.5-3-3
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
Unit
ACTIVE to PRECHARGE command
tRAS
40
70.000
42
70.000
ns
ACTIVE to READ with Auto
precharge
command
tRAP
15
-
15
-
ns
ACTIVE to ACTIVE/AUTO
REFRESH
command period
tRC
55
-
60
-
ns
AUTO REFRESH command period
tRFC
70
-
72
-
ns
ACTIVE to READ or WRITE delay
tRCD
15
-
18
-
ns
PRECHARGE command period
tRP
15
-
18
-
ns
DQS read preamble
tRPRE
0.9
1.1
0.9
1.1
tCK
DQS read postamble
tRPST
0.4
0.6
0.4
0.6
tCK
ACTIVE bank a to ACTIVE bank b
command
tRRD
10
-
12
-
ns
DQS write preamble
tWPREH
0.25
-
0.25
-
tCK
DQS write preamble setup time
tWPRES
0
-
0
-
ns
DQS write postamble
tWPST
0.4
0.6
0.4
0.6
tCK
Write recovery time
tWR
15
-
15
-
ns
Internal WRITE to READ command
delay
tWTR
2
-
1
-
tCK
Data valid output window
N/A
tQH - tDQSQ
tQH - tDQSQ
ns
REFRESH to REFRESH command
interval
tREFC
-
70.3
-
70.3
µs
Average periodic refresh interval
0 °C ≤ T
CASE ≤ 85°C
tREFI
-
7.8
-
7.8
µs
85 °C < TCASE ≤ 95°C
tREFI (IT)
3.9
3.9
Terminating voltage delay to VDD
tVTD
0
-
0
-
ns
Exit SELF REFRESH to non-READ
command
tXSNR
70
-
75
-
ns
Exit SELF REFRESH to READ
command
tXSRD
200
-
200
-
tCK
Note 1: Values for AC timing, IDD, and electrical AC and DC characteristics might have been collected within the
standard temperature range and at nominal reference/supply voltage levels, but the related specifications and
device operation are guaranteed for the full voltage range specified and for the corresponding field of operation
according to the actual temperature grade of the module (extended E, I or W; refer to the environmental conditions
for more details).


Similar Part No. - SDN01G64D1BJ2SA-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDN03264C1CF1MT-50 ETC2-SDN03264C1CF1MT-50 Datasheet
867Kb / 13P
   256MB DDR . SDRAM SoDIMM
SDN03264C1CF1MT-60 ETC2-SDN03264C1CF1MT-60 Datasheet
867Kb / 13P
   256MB DDR . SDRAM SoDIMM
java.util.regex.PatternSyntaxException: Unclosed character class near index 18 SDN03264C1CJ1SA-50[ ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com