Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSCA4LS1C1A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSCA4LS1C1A
Description  3.5x2.8x1.9mm Magenta SMD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSCA4LS1C1A Datasheet(HTML) 1 Page - OptoSupply International

  OSCA4LS1C1A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
3
3..5
5x
x2
2..8
8x
x1
1..9
9m
mm
m M
Ma
ag
ge
en
ntta
a S
SM
MD
D
L
LE
ED
D
OSCA4LS1C1A
Features
Outline Dimension
High Luminous PLCC2 Top SMD LEDs
33..55xx22..88xx11..99mm Standard Directivity
Long Lifetime Operation
Superior Weather-resistance
Red Diffused Type
Applications
Backlighting (switches, keys, displays,
illuminated advertising etc.)
Substitution of Micro Incandescent Lamps
Reading Lamps / Emergency Lighting
Marker lights (e.g. steps, exit ways, etc.)
Other Lighting
.
Unit:mm
Tolerance:+0.30mm
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
108
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
2.8
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Flux
Φ
v
IF=20mA
3.3
3.8
-
lm
x
IF=20mA
-
0.45
-
Chromaticity
Coordinates*
y
IF=20mA
-
0.25
-
50% Power Angle
1/2
IF=20mA
-
120
-
deg
*1 Luminous Flux Measurement allowance is ±15%
*2 Chromaticity Coordinates Measurement allowance is ±10%
LED & Application Technologies


Similar Part No. - OSCA4LS1C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSCA4L3131A OPTOSUPPLY-OSCA4L3131A Datasheet
89Kb / 1P
   3mm Round Magenta LED
OSCA4L5111A OPTOSUPPLY-OSCA4L5111A Datasheet
89Kb / 1P
   5mm Round Magenta LED
OSCA4LZ281P OPTOSUPPLY-OSCA4LZ281P Datasheet
91Kb / 1P
   Deluxe Power Super Flux Magenta led
More results

Similar Description - OSCA4LS1C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSI3CAS1C1A OPTOSUPPLY-OSI3CAS1C1A Datasheet
177Kb / 1P
   3.5x2.8x1.9mm Infrared SMD
OSK5DLS1C1A OPTOSUPPLY-OSK5DLS1C1A_11 Datasheet
109Kb / 1P
   3.5x2.8x1.9mm Pink SMD
OSCA4TS4C1A OPTOSUPPLY-OSCA4TS4C1A Datasheet
122Kb / 1P
   5x5x1.5mm Magenta Top SMD LED
OSR5PAS1C1A OPTOSUPPLY-OSR5PAS1C1A_09 Datasheet
159Kb / 1P
   3.5x2.8x1.9mm Premium Red SMD
OSR7CAS1C1A OPTOSUPPLY-OSR7CAS1C1A Datasheet
180Kb / 1P
   3.5x2.8x1.9mm Red SMD LED
OSCK4LS1C1A OPTOSUPPLY-OSCK4LS1C1A Datasheet
91Kb / 1P
   3.5x2.8x1.9mm Sunshine SMD LED
OSI5LAS1C1A OPTOSUPPLY-OSI5LAS1C1A Datasheet
171Kb / 1P
   3.5x2.8x1.9mm Infrared SMD LED
OSV6YLS1C1A OPTOSUPPLY-OSV6YLS1C1A Datasheet
106Kb / 1P
   3.5x2.8x1.9mm Violet SMD LED
OSCC4LS1C1A OPTOSUPPLY-OSCC4LS1C1A Datasheet
90Kb / 1P
   3.5x2.8x1.9mm Tomato SMD LED
OSC54LS1C1A OPTOSUPPLY-OSC54LS1C1A Datasheet
91Kb / 1P
   3.5x2.8x1.9mm Mint SMD LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com