Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLA6020 Datasheet(PDF) 1 Page - Sanken electric

Part # SLA6020
Description  PNP NPN Darlington 3-phase motor drive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6020 Datasheet(HTML) 1 Page - Sanken electric

  SLA6020 Datasheet HTML 1Page - Sanken electric SLA6020 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
110
NPN
PNP
NPN
NPN
PNP
PNP
NPN
PNP
IC-VCE Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
Characteristic curves
SLA6020
R1: 2.5k
Ω typ R2: 200Ω typ R3: 3kΩ typ R4: 100Ω typ
R3
R4
2
8
9
1
3
4
R1
7
6
10
11
5
12
R2
(Ta=25
°C)
Symbol
Unit
VCBO
100
–100
V
VCEO
100
–100
V
VEBO
6
–6V
IC
5
–5A
ICP
8 (PW
≤1ms, Du≤50%)
–8 (PW
≤1ms, Du≤50%)
A
IB
0.5
–0.5
A
5 (Ta=25
°C)
25 (Tc=25
°C)
VISO
1000 (Between fin and lead pin, AC)
Vrms
Tj
150
°C
Tstg
–40 to +150
°C
θ j–c
5
°C/W
PT
W
Ratings
NPN
PNP
20000
10000
5000
1000
500
100
50
30
0.03
0.1
0.5
1
5
8
typ
0.05
IC (A)
(VCE=4V)
20000
10000
5000
1000
500
100
50
30
0.02
0.1
0.5
1
5
8
0.05
75
°C
25
°C
T
a=125
°C
–30
°C
(VCE=4V)
IC (A)
4
2
0
01
2
3
5
3
1
(VCE=2V)
VBE (V)
–8
–7
–6
–5
–4
–3
–2
–1
0
0
–1
–2
–3
–4
–5
–2mA
–1.2mA
–0.8mA
–0.6mA
–0.4mA
IB=–4mA
VCE (V)
(VCE=–4V)
20000
10000
5000
1000
500
100
50
30
–0.03
–0.1
–0.5
–1
–5
IC (A)
–8
typ
–0.05
20000
10000
5000
1000
500
100
50
30
–0.03
–0.1
–0.5
–1
–5
–8
Ta
=125
°C
–3
C
–0.05
75
°C
25
°C
(VCE=–4V)
IC (A)
–8
–6
–4
–2
0
0
–1
–2
–3
(VCE=–4V)
VBE (V)
5
4
3
2
1
0
01
2
3
4
5
IB=2mA
1mA
0.8mA
0.7mA
0.6mA
0.5m
A
0.4mA
VCE (V)
PNP + NPN Darlington
3-phase motor drive
Absolute maximum ratings
sEquivalent circuit diagram
External dimensions
A • • • SLA (12-pin)


Similar Part No. - SLA6020

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA6020 SANKEN-SLA6020 Datasheet
33Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6020 SANKEN-SLA6020 Datasheet
50Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6020 SANKEN-SLA6020_06 Datasheet
50Kb / 2P
   PNP NPN Darlington 3-phase motor drive
More results

Similar Description - SLA6020

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA6023 SANKEN-SLA6023 Datasheet
31Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6012 SANKEN-SLA6012 Datasheet
30Kb / 2P
   PNP NPN Darlington 3-phase motor drive
logo
List of Unclassifed Man...
SMA6080 ETC1-SMA6080 Datasheet
36Kb / 2P
   PNP NPN Darlington 3-phase motor drive
logo
Sanken electric
SLA6022 SANKEN-SLA6022 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6024 SANKEN-SLA6024_06 Datasheet
54Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SMA6010 SANKEN-SMA6010_01 Datasheet
50Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SMA6080 SANKEN-SMA6080 Datasheet
40Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6026 SANKEN-SLA6026_06 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6026 SANKEN-SLA6026 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6020 SANKEN-SLA6020 Datasheet
33Kb / 2P
   PNP NPN Darlington 3-phase motor drive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com