Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLA5222 Datasheet(PDF) 7 Page - Sanken electric

Part No. SLA5222
Description  For partial switching PFC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5222 Datasheet(HTML) 7 Page - Sanken electric

Back Button SLA5222 Datasheet HTML 2Page - Sanken electric SLA5222 Datasheet HTML 3Page - Sanken electric SLA5222 Datasheet HTML 4Page - Sanken electric SLA5222 Datasheet HTML 5Page - Sanken electric SLA5222 Datasheet HTML 6Page - Sanken electric SLA5222 Datasheet HTML 7Page - Sanken electric SLA5222 Datasheet HTML 8Page - Sanken electric SLA5222 Datasheet HTML 9Page - Sanken electric SLA5222 Datasheet HTML 10Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SLA5222
SLA5222-DS Rev.1.0
SANKEN ELECTRIC CO.,LTD.
7
Mar. 25, 2014
TRANSIENT THERMAL RESISTANCE - PULSE WIDTH
Di
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
PT
(sec)
Di
Tc=25℃
1素子
1shot
TRANSIENT THERMAL RESISTANCE - PULSE WIDTH
IGBT
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
PW
(sec)
IGBT
Tc=25℃
VCE=5V
1素子
1shot
TC = 25 °C
VCE = 5 V
1 shot
One diode
TC = 25 °C
1 shot
Transient Thermal Resistance of one diode (pulse width)
Transient Thermal Resistance of IGBT (pulse width)
Pulse width (s)
Pulse width (s)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn