Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMZ5927B Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMZ5927B
Description  SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 짹 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMZ5927B Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMZ5927B Datasheet HTML 1Page - Central Semiconductor Corp CMZ5927B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
323
R2
MAXIMUM
TYPE NO.
ZENER
TEST
MAXIMUM ZENER
MAXIMUM
DC
MARKING
VOLTAGE
CURRENT
IMPEDENCE
REVERSE
ZENER
CODE
CURRENT
CURRENT
MIN
NOM
MAX
VOLTS
VOLTS
VOLTS
mA
mA
VOLTS
CMZ5921B*
6.460
6.8
7.140
55.1
2.5
200
1.0
2.5
5.2
221
C5921B
CMZ5922B*
7.125
7.5
7.875
50.0
3.0
400
0.5
2.5
6.0
200
C5922B
CMZ5923B*
7.790
8.2
8.610
45.7
3.5
400
0.5
2.5
6.5
183
C5923B
CMZ5924B*
8.645
9.1
9.555
41.2
4.0
500
0.5
2.5
7.0
165
C5924B
CMZ5925B
9.500
10
10.50
37.5
4.5
500
0.25
2.5
8.0
150
C5925B
CMZ5926B
10.45
11
11.55
34.1
5.5
550
0.25
0.5
8.4
136
C5926B
CMZ5927B
11.40
12
12.60
31.2
6.5
550
0.25
0.5
9.1
125
C5927B
CMZ5928B
12.35
13
13.65
28.8
7.0
550
0.25
0.5
9.9
115
C5928B
CMZ5929B
14.25
15
15.75
25.0
9.0
600
0.25
0.5
11.4
100
C5929B
CMZ5930B
15.20
16
16.80
23.4
10
600
0.25
0.5
12.2
94
C5930B
CMZ5931B
17.10
18
18.90
20.8
12
650
0.25
0.5
13.7
83
C5931B
CMZ5932B
19.00
20
21.00
18.7
14
650
0.25
0.5
15.2
75
C5932B
CMZ5933B
20.90
22
23.10
17.0
17.5
650
0.25
0.5
16.7
68
C5933B
CMZ5934B
22.80
24
25.20
15.6
19
700
0.25
0.5
18.2
63
C5934B
CMZ5935B
25.65
27
28.35
13.9
23
700
0.25
0.5
20.6
56
C5935B
CMZ5936B
28.50
30
31.50
12.5
26
750
0.25
0.5
22.8
50
C5936B
CMZ5937B
31.35
33
34.65
11.4
33
800
0.25
0.5
25.1
45
C5937B
CMZ5938B
34.20
36
37.80
10.4
38
850
0.25
0.5
27.4
42
C5938B
CMZ5939B
37.05
39
40.95
9.6
45
900
0.25
0.5
29.7
38
C5939B
CMZ5940B
40.85
43
45.15
8.7
53
950
0.25
0.5
32.7
35
C5940B
CMZ5941B
44.65
47
49.35
8.0
67
1000
0.25
0.5
35.8
32
C5941B
CMZ5942B
48.45
51
53.55
7.3
70
1100
0.25
0.5
38.8
29
C5942B
CMZ5943B
53.20
56
58.80
6.7
86
1300
0.25
0.5
42.6
27
C5943B
CMZ5944B
58.90
62
65.10
6.0
100
1500
0.25
0.5
47.1
24
C5944B
CMZ5945B
64.60
68
71.40
5.5
120
1700
0.25
0.5
51.7
22
C5945B
CMZ5946B
71.25
75
78.75
5.0
140
2000
0.25
0.5
56.0
20
C5946B
CMZ5947B
77.90
82
86.10
4.6
160
2500
0.25
0.5
62.2
18
C5947B
CMZ5948B
86.45
91
95.55
4.1
200
3000
0.25
0.5
69.2
16
C5948B
CMZ5949B
95.00
100
105.0
3.7
250
3100
0.25
0.5
76.0
15
C5949B
CMZ5950B
104.5
110
115.5
3.4
300
4000
0.25
0.5
83.6
13
C5950B
CMZ5951B
114.0
120
126.0
3.1
360
4500
0.25
0.5
91.2
12
C5951B
CMZ5952B
123.5
130
136.5
2.9
450
5000
0.25
0.5
98.8
11
C5952B
CMZ5953B
142.5
150
157.5
2.5
600
6000
0.25
0.5
114.0
10
C5953B
CMZ5954B
152.0
160
168.0
2.3
700
6500
0.25
0.5
121.6
9.0
C5954B
CMZ5955B
171.0
180
189.0
2.1
900
7000
0.25
0.5
136.8
8.0
C5955B
CMZ5956B
190.0
200
210.0
1.9
1200
8000
0.25
0.5
152.0
7.0
C5956B
VZ@IZT
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=1.5V MAX @ IF=200mA FOR ALL TYPES.
IZT
ZZK@IZK
IR@VR
mA
W
W
TOP VIEW
All Dimensions in Inches (mm).
IZM
ZZT@IZT
mA
* Available on special order; consult factory.


Similar Part No. - CMZ5927B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMZ5927B CENTRAL-CMZ5927B Datasheet
291Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS 짹 5% TOLERANCE
CMZ5927BP CENTRAL-CMZ5927BP Datasheet
297Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
More results

Similar Description - CMZ5927B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMZ5913B CENTRAL-CMZ5913B Datasheet
291Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS 짹 5% TOLERANCE
1N957B CENTRAL-1N957B Datasheet
880Kb / 3P
   SILICON ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
BZV55C2V4 CENTRAL-BZV55C2V4_10 Datasheet
318Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5% TOLERANCE
logo
New Jersey Semi-Conduct...
1N5559B NJSEMI-1N5559B Datasheet
148Kb / 1P
   1.0 WATT ZENER DIODE 6.8 VOLTS to 200 VOLTS 5% TOLERANCE
logo
Central Semiconductor C...
CMZ5342B CENTRAL-CMZ5342B Datasheet
149Kb / 2P
   HIGH POWER ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 5.0W, 5% TOLERANCE
CMZ5342B CENTRAL-CMZ5342B_10 Datasheet
302Kb / 2P
   SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 6.8 THRU 200 VOLTS
CMZ5334B CENTRAL-CMZ5334B Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 3.6 THRU 200 VOLTS 5% TOLERANCE
CMZ5913BP CENTRAL-CMZ5913BP Datasheet
297Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
CMHZ5221B CENTRAL-CMHZ5221B Datasheet
59Kb / 2P
   SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com