Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLA4390 Datasheet(PDF) 1 Page - Sanken electric

Part # SLA4390
Description  PNP NPN Darlington H-bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA4390 Datasheet(HTML) 1 Page - Sanken electric

  SLA4390 Datasheet HTML 1Page - Sanken electric SLA4390 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30
Characteristic curves
NPN
PNP
NPN
NPN
PNP
PNP
NPN
PNP
IC-VCE Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
SLA4390
8
9
R3
R4
12
11
7
24
15
6
R1
R2
R1: 2.5k
Ω typ R2: 200Ω typ R3: 3kΩ typ R4: 100Ω typ
PT
W
Ratings
NPN
PNP
8
7
6
5
4
3
2
1
0
01
2
3
4
5
IB
=2mA
1mA
0.8mA
0.7mA
0.6mA
0.5m
A
0.4mA
VCE (V)
20000
10000
5000
1000
500
100
50
30
0.03
0.1
0.5
1
5
8
typ
IC (A)
(VCE=4V)
20000
10000
5000
1000
500
100
50
30
0.03
0.1
0.5
1
5
8
Ta
=1
25
°C
75
°C
–30
°C
0.05
25
°C
IC (A)
(VCE=4V)
–8
VCE (V)
–7
–6
–5
–4
–3
–2
–1
0
0
–1
–2
–3
–4
–5
IB=–4mA
–2mA
–1.2mA
–0.8mA
–0.6mA
–0.4mA
(VCE=–4V)
20000
10000
5000
1000
500
100
50
30
–0.03
–0.1
–0.5
–1
–5
IC (A)
–8
typ
–0.05
20000
10000
5000
1000
500
100
50
30
–0.03
–0.1
–0.5
–1
–5
–8
Ta
=125
°C
–30
°C
75
°C
25
°C
(VCE=–4V)
IC (A)
(VCE=–4V)
–8
VBE (V)
–6
–4
–2
0
0
–1
–2
–3
PNP + NPN Darlington
H-bridge
(VCE=4V)
8
VBE (V)
6
4
2
0
01
2
3
Absolute maximum ratings
sEquivalent circuit diagram
External dimensions
A • • • SLA (12-pin)
(Ta=25
°C)
Symbol
Unit
VCBO
100
–100
V
VCEO
100
–100
V
VEBO
6
–6V
IC
5
–5A
ICP
8 (PW
≤1ms, Du≤50%)
–8 (PW
≤1ms, Du≤50%)
A
IB
0.5
–0.5
A
5 (Ta=25
°C)
25 (Tc=25
°C)
VISO
1000 (Between fin and lead pin, AC)
Vrms
Tj
150
°C
Tstg
–40 to +150
°C
θ j-c
5
°C/W


Similar Part No. - SLA4390

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA4390 SANKEN-SLA4390 Datasheet
30Kb / 2P
   PNP NPN Darlington H-bridge
SLA4390 SANKEN-SLA4390 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
SLA4390 SANKEN-SLA4390_06 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
More results

Similar Description - SLA4390

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA4390 SANKEN-SLA4390_06 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
STA474A SANKEN-STA474A Datasheet
37Kb / 2P
   PNP NPN Darlington H-bridge
STA457C SANKEN-STA457C_06 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
SLA4390 SANKEN-SLA4390 Datasheet
30Kb / 2P
   PNP NPN Darlington H-bridge
SDH03 SANKEN-SDH03 Datasheet
29Kb / 2P
   PNP NPN Darlington H-bridge
SLA4340 SANKEN-SLA4340 Datasheet
30Kb / 2P
   PNP NPN Darlington H-bridge
STA457C SANKEN-STA457C Datasheet
30Kb / 2P
   PNP NPN Darlington H-bridge
STA434A SANKEN-STA434A_06 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
STA434A SANKEN-STA434A Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
STA457C SANKEN-STA457C Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com