Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSC24L3131A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSC24L3131A
Description  3mm Round Sky LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSC24L3131A Datasheet(HTML) 1 Page - OptoSupply International

  OSC24L3131A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
3
3m
mm
m R
Ro
ou
un
nd
d S
Sk
ky
y L
LE
ED
D
OSC24L3131A
Features
Outline Dimension
High Luminous LEDs
33mm Round Standard Directivity
Long Lifetime Operation
Superior Weather-resistance
Water Clear Type
Applications
Backlighting (switches, keys, displays,
illuminated advertising etc.)
Substitution of Micro Incandescent Lamps
Reading Lamps / Emergency Lighting
Marker lights (e.g. steps, exit ways, etc.)
Other Lighting
Unit:mm
Tolerance:+0.3mm
2.54
1
2
2.94
0.5+0.1
2:Cathode
1:Anode
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
108
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
2.8
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Flux
Φ
v
IF=20mA
4.0
4.5
-
lm
x
IF=20mA
-
0.19
-
Chromaticity
Coordinates*
y
IF=20mA
-
0.15
-
50% Power Angle
1/2
IF=20mA
-
30
-
deg
*1 Luminous Flux Measurement allowance is ±15%
*2 Chromaticity Coordinates Measurement allowance is ±10%
LED & Application Technologies


Similar Part No. - OSC24L3131A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSC24L5111A OPTOSUPPLY-OSC24L5111A Datasheet
89Kb / 1P
   5mm Round Sky LED
OSC24LS1C1A OPTOSUPPLY-OSC24LS1C1A Datasheet
91Kb / 1P
   3.5x2.8x1.9mm Sky SMD LED
OSC24LZ281P OPTOSUPPLY-OSC24LZ281P Datasheet
91Kb / 1P
   Deluxe Power Super Flux Sky LED
More results

Similar Description - OSC24L3131A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSC24L5111A OPTOSUPPLY-OSC24L5111A Datasheet
89Kb / 1P
   5mm Round Sky LED
logo
Luminus, Inc
SST-10-SB LUMINUS-SST-10-SB Datasheet
1Mb / 12P
   Sky Blue LED
logo
A-BRIGHT Inc
AL-314UY2C-A A-BRIGHT-AL-314UY2C-A_06 Datasheet
315Kb / 5P
   3mm Round LED Lamps
2006/9/25
logo
OptoSupply Internationa...
OSCA4L3131A OPTOSUPPLY-OSCA4L3131A Datasheet
89Kb / 1P
   3mm Round Magenta LED
logo
Ningbo Foryard Optoelec...
FYL-3004GD1L FORYARD-FYL-3004GD1L Datasheet
276Kb / 5P
   3mm round type led
FYL-3012UBC1A FORYARD-FYL-3012UBC1A_15 Datasheet
285Kb / 5P
   3mm round type led
FYL-3014LRD1A FORYARD-FYL-3014LRD1A_15 Datasheet
276Kb / 5P
   3mm round type led
FYL-3014LRW1Z FORYARD-FYL-3014LRW1Z Datasheet
277Kb / 5P
   3mm round type led
FYL-3019SGW1A-CA FORYARD-FYL-3019SGW1A-CA Datasheet
286Kb / 5P
   3mm round type led
FYL-3014HD1A FORYARD-FYL-3014HD1A_15 Datasheet
275Kb / 5P
   3mm round type led
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com