Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ100A Datasheet(PDF) 4 Page - Digitron Semiconductors

Part # SMBJ100A
Description  SURFACE MOUNT 600W TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

SMBJ100A Datasheet(HTML) 4 Page - Digitron Semiconductors

  SMBJ100A Datasheet HTML 1Page - Digitron Semiconductors SMBJ100A Datasheet HTML 2Page - Digitron Semiconductors SMBJ100A Datasheet HTML 3Page - Digitron Semiconductors SMBJ100A Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
SMBJ5.0 – SMBJ170CA
SURFACE MOUNT 600W TVS
SMBG5.0 – SMBG170CA
Peak pulse power vs. pulse time
Pulse waveform for exponential surge
Derating Curve
Typical capacitance vs breakdown
Pad Layout
Inches
mm
A
0.260
6.600
B
0.085
2.160
C
0.110
2.790
sales@digitroncorp.com
SMBJ
SMBG
DIMENSIONS IN INCHES
A
B
C
D
E
F
K
L
MIN
0.077
0.160
0.130
0.205
0.075
0.235
0.015
0.030
MAX
0.083
0.180
0.155
0.220
0.095
0.255
0.030
0.060
DIMENSIONS IN MILLIMETERS
A
B
C
D
E
F
K
L
MIN
1.960
4.060
3.300
5.210
1.900
5.970
0.381
0.760
MAX
2.100
4.570
3.940
5.590
2.410
6.480
0.762
1.520
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120706


Similar Part No. - SMBJ100A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ100A JGD-SMBJ100A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ100A SOCAY-SMBJ100A Datasheet
632Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMBJ100A LITTELFUSE-SMBJ100A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ100A LITTELFUSE-SMBJ100A Datasheet
987Kb / 6P
   The SMBJ is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
Weitron Technology
SMBJ100A WEITRON-SMBJ100A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMBJ100A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
   600W Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J Datasheet
315Kb / 4P
   5V ~ 85V, 600W Peak Power Surface Mount TVS
logo
UN Semiconducctor INC
SMBJ UNSEMI-SMBJ Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
6.0SMAJ UNSEMI-6.0SMAJ Datasheet
3Mb / 6P
   5.0 To 200V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
P6SMB UNSEMI-P6SMB Datasheet
3Mb / 7P
   6.8 To 600V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shindengen Electric Mfg...
ST06-39CE SHINDENGEN-ST06-39CE Datasheet
1Mb / 6P
   TVS 11A, 600W
ST06-27CE SHINDENGEN-ST06-27CE Datasheet
1Mb / 6P
   TVS 17.3A, 600W
ST06-30CE SHINDENGEN-ST06-30CE Datasheet
1Mb / 6P
   TVS 15A, 600W
ST06-33CE SHINDENGEN-ST06-33CE Datasheet
1Mb / 6P
   TVS 14A, 600W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com