Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMZ5921B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CMZ5921B
Description  SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS ± 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

CMZ5921B Datasheet(HTML) 1 Page - Central Semiconductor Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Semiconductor Corp.
TM
322
SMA CASE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1.5 Watt Surface Mount Silicon Zener Diode is a high quality, well
constructed, highly reliable component designed for use in all types of commercial, industrial, entertainment,
computer, and automotive applications where small size is required. The SMA case occupies 30% less
board space than the SMB case. To order devices on 12mm Tape and Reel (5000/13" Reel), add TR13
suffix to part number.
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Forward Surge Current (8.3ms)
IFSM
20
A
Power Dissipation (TL=75°C)
PD
1.5
W
Power Dissipation
PD
0.9
W
Peak Power Dissipation (TL<25°C)
PW=10/1000
ms
PPK
200
W
Peak Power Dissipation (TL<25°C)
PW=8/20
ms
PPK
1000
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
QJL
50
°C/W
Thermal Resistance
QJA
139
°C/W
FEATURES:
• SUPER MINIATURE CASE
• 200 WATTS OF TVS POWER
• ± 5% TOLERANCE
• SUPERIOR LOT TO LOT CONSISTENCY
• LOW COST
• HIGH RELIABILITY
• “C” BEND CONSTRUCTION PROVIDES
STRAIN RELIEF WHEN MOUNTED ON
PC BOARD
CMZ5921B
THRU
CMZ5956B
SURFACE MOUNT
SILICON ZENER DIODE
1.5 WATT, 6.8 THRU 200 VOLTS
± 5% TOLERANCE
NEW


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn