Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMZ5342B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CMZ5342B
Description  HIGH POWER ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 5.0W, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

CMZ5342B Datasheet(HTML) 1 Page - Central Semiconductor Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Semiconductor Corp.
TM
320
NEW
SMC CASE
ABSOLUTE MAXIMUM RATINGS:
SYMBOL
UNITS
Power Dissipation (@TA=25°C)
PD
5.0
W
Operating and Storage Temperature
TJ,Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=1.2V MAX @ IF=1.0A FOR ALL TYPES.
IZT
ZZT@IZT
ZZK @ IZK
IR @ VR
ir
DVZ
IZM
VZ@IZT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMZ5342B
Series Silicon Zener Diode is a high quality voltage
regulator, manufactured in an epoxy molded
surface mount package, designed for use in
industrial, commercial, entertainment and
computer applications.
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
ZENER
TEST
ZENER
REVERSE
SURGE
VOLTAGE
REGULATOR MARKING
TYPE NO.
VOLTAGE
CURRENT
IMPEDANCE
CURRENT
CURRENT REGULATION
CURRENT
CODE
(Note 1)
(Note 2)
MIN
NOM
MAX
VOLT VOLTS VOLTS
mA
W
W
mA
mA VOLTS
A
VOLTS
mA
CMZ5342B*
6.460
6.8
7.140
175
1.0
200
1.0
10
5.2
11.5
0.15
700
C5342B
CMZ5343B*
7.125
7.5
7.875
175
1.5
200
1.0
10
5.7
10.7
0.15
630
C5343B
CMZ5344B*
7.790
8.2
8.610
150
1.5
200
1.0
10
6.2
10.0
0.20
580
C5344B
CMZ5345B*
8.265
8.7
9.135
150
2.0
200
1.0
10
6.6
7.5
0.20
545
C5345B
CMZ5346B*
8.645
9.1
9.555
150
2.0
150
1.0
7.5
6.9
9.2
0.22
520
C5346B
CMZ5347B
9.500
10
10.50
125
2.0
125
1.0
5.0
7.6
8.6
0.22
475
C5347B
CMZ5348B
10.45
11
11.55
125
2.5
125
1.0
5.0
8.4
8.0
0.25
430
C5348B
CMZ5349B
11.40
12
12.60
100
2.5
125
1.0
2.0
9.1
7.5
0.25
395
C5349B
CMZ5350B
12.35
13
13.65
100
2.5
100
1.0
1.0
9.9
7.0
0.25
365
C5350B
CMZ5351B
13.30
14
14.70
100
2.5
75
1.0
1.0
10.6
6.7
0.25
340
C5351B
CMZ5352B
14.25
15
15.75
75
2.5
75
1.0
1.0
11.5
6.3
0.25
315
C5352B
CMZ5353B
15.20
16
16.80
75
2.5
75
1.0
1.0
12.2
6.00
0.30
295
C5353B
CMZ5354B
16.15
17
17.85
70
2.5
75
1.0
0.5
12.9
5.8
0.35
280
C5354B
CMZ5355B
17.10
18
18.90
65
2.5
75
1.0
0.5
13.7
5.5
0.40
264
C5355B
CMZ5356B
18.05
19
19.95
65
3.0
75
1.0
0.5
14.4
5.3
0.40
250
C5356B
CMZ5357B
19.00
20
21.00
65
3.0
75
1.0
0.5
15.2
5.1
0.40
237
C5357B
CMZ5358B
20.90
22
23.10
50
3.5
75
1.0
0.5
16.7
4.7
0.45
216
C5358B
CMZ5359B
22.80
24
25.20
50
3.5
100
1.0
0.5
18.2
4.4
0.55
198
C5359B
CMZ5360B
23.75
25
26.25
50
4.0
110
1.0
0.5
19.0
4.3
0.55
190
C5360B
CMZ5361B
25.65
27
28.35
50
5.0
120
1.0
0.5
20.6
4.1
0.60
176
C5361B
CMZ5362B
26.60
28
29.40
50
6.0
130
1.0
0.5
21.2
3.9
0.60
170
C5362B
CMZ5363B
28.50
30
31.50
40
8.0
140
1.0
0.5
22.8
3.7
0.60
158
C5363B
CMZ5364B
31.35
33
34.65
40
10
150
1.0
0.5
25.1
3.5
0.65
144
C5364B
CMZ5365B
34.20
36
37.80
30
11
160
1.0
0.5
27.4
3.3
0.65
132
C5365B
CMZ5342B
THRU
CMZ5388B
HIGH POWER ZENER DIODE
6.8 VOLTS THRU 200 VOLTS
5.0W, 5% TOLERANCE
* Available on special order only, please consult factory.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn