Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4518001 Datasheet(PDF) 4 Page - Mallory performance club

Part # 4518001
Description  UNILITE짰 DISTRIBUTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

4518001 Datasheet(HTML) 4 Page - Mallory performance club

  4518001 Datasheet HTML 1Page - Mallory performance club 4518001 Datasheet HTML 2Page - Mallory performance club 4518001 Datasheet HTML 3Page - Mallory performance club 4518001 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FIGURE 4
AUTOMOTIVE AND MARINE UNILITE® DISTRIBUTOR TUNE–UP PARTS
ROTOR/SHUTTER
ROTOR/SHUTTER
AUTOMOTIVE
DISTRIBUTOR CAP
(EXCEPT 47 SERIES)
47 SERIES ONLY
8 CYL. (STACK CAP)
209
335
322
8 CYL. (FLAT CAP)
221
360
6 CYL. (37 AND 38 SERIES)
226
331
6 CYL. (45, 46 AND 47 SERIES)
270
339
323
4 CYL. (37 AND 38 SERIES)
225
337
4 CYL. (45, 46 AND 47 SERIES)
271
340
325
MARINE
(YLU SERIES ONLY)
8 CYL. (STACK CAP)
209D
335
8 CYL. (FLAT CAP)
221B
360
6 CYL. (SMALL HOUSING, 3.12” O.D.)
226B
331
6 CYL. (LARGE HOUSING, 3.65” O.D.)
270B
339
4 CYL. (SMALL HOUSING, 3.12” O.D.)
225B
337
4 CYL. (LARGE HOUSING, 3.65” O.D.)
271B
340
UNILITE® MODULE, ALL MODELS: PART NO. 605
DISTRIBUTOR WIRE HARNESS, ALL MODELS: PART NO. 29349
OPTIONAL ACCESSORIES FOR THE
UNILITE® DISTRIBUTOR
Active Power Filter............ Part No. 29351
Helps prevent module failures due to voltage
spikes associated with “noisy” electrical systems
and electrical defects.
Advance Curve Change Kit ..... Part No. 29014
Required to change the amount and rate of
advance within a range of 14° to 28°. Includes
degree keys, springs, and instructions to plot
advance curves.
+
COIL
MSD™ 6 SERIES
IGNITION
PART NO. 6200,
6400, 6420 or
6462
ENGINE
GROUND
MAGNETIC PICKUP CONNECTOR NOT USED
REFER TO MSD™ INSTRUCTIONS FOR
REMAINING POWER CONNECTIONS
DISTRIBUTOR WIRE HARNESS
PART NO. 29349
12V/IGNITION
SWITCH
IGNITION BALLAST
RESISTOR
RING TERMINAL CONNECTORS
PART NO. 450
IGNITION
MODULE
FEMALE
CONNECTOR
WHITE
BLACK
BROWN
GREEN
ORANGE
RED
RED
ALL WIRES NORMALLY
CONNECTED TO THE
COIL (+) TERMINAL
To prevent false triggering and possible premature ignition
failure, you must use suppression type (carbon core, spiral
core, or radio suppression core) spark plug wire.
DO NOT USE SOLID CORE (COPPER CORE OR STAINLESS
STEEL CORE) SPARK PLUG WIRE WITH ANY ELECTRONIC
IGNITION SYSTEM.
Installing an ignition ballast
resistor has no effect on the
performance of the ignition system.
However, installing or retaining
the original ignition ballast resistor
allows for easy conversion back to
standard ignition.
MALLORY 6A, 6AL
and MSDTM 6 SERIES
IGNITION
PART NO. 6200,
6400, 6420 or 6462
4
www.mallory-ignition.com
MALLORY IS A TRADEMARK OF PRESTOLITE PERFORMANCE
10601 MEMPHIS AVE. #12, CLEVELAND, OH 44144
216.688.8300
FAX 216.688.8306
family of brands
FORM 1214M
(REV. K) 05/13


Similar Part No. - 4518001

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
45180/15 ALPHAWIRE-45180/15 Datasheet
98Kb / 4P
   Customer Specification
12/5/2022
4518015 ALPHAWIRE-4518015 Datasheet
98Kb / 4P
   Customer Specification
12/5/2022
More results

Similar Description - 4518001

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
4756701 MALLORY-4756701 Datasheet
577Kb / 4P
   UNILITE짰 DISTRIBUTOR
3757901 MALLORY-3757901 Datasheet
577Kb / 4P
   UNILITE짰 DISTRIBUTOR
4563901 MALLORY-4563901 Datasheet
577Kb / 4P
   UNILITE짰 DISTRIBUTOR
4748201 MALLORY-4748201 Datasheet
577Kb / 4P
   UNILITE짰 DISTRIBUTOR
3755101 MALLORY-3755101 Datasheet
577Kb / 4P
   UNILITE짰 DISTRIBUTOR
3748201 MALLORY-3748201 Datasheet
577Kb / 4P
   UNILITE짰 DISTRIBUTOR
4755101 MALLORY-4755101 Datasheet
577Kb / 4P
   UNILITE짰 DISTRIBUTOR
logo
Fuji Electric
EDS13-8C FUJI-EDS13-8C Datasheet
168Kb / 4P
   DISTRIBUTOR
logo
Mallory performance clu...
1214M MALLORY-1214M Datasheet
193Kb / 12P
   DISTRIBUTOR
logo
Festo Corporation.
6847 FESTO-6847 Datasheet
77Kb / 1P
   Distributor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com