Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STBB2J-29 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STBB2J-29
Description  800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB2J-29 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STBB2J-29 Datasheet HTML 5Page - STMicroelectronics STBB2J-29 Datasheet HTML 6Page - STMicroelectronics STBB2J-29 Datasheet HTML 7Page - STMicroelectronics STBB2J-29 Datasheet HTML 8Page - STMicroelectronics STBB2J-29 Datasheet HTML 9Page - STMicroelectronics STBB2J-29 Datasheet HTML 10Page - STMicroelectronics STBB2J-29 Datasheet HTML 11Page - STMicroelectronics STBB2J-29 Datasheet HTML 12Page - STMicroelectronics STBB2J-29 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DocID022745 Rev 9
9/25
STBB2
Electrical characteristics
%VOUT
Output voltage accuracy in PWM
mode
VIN = 2.5 to 5.5 V, VMODE = VIN
VSEL= GND/VIN
-1.5
+1.5
%
Output voltage accuracy in power
save mode
VIN = 2.5 to 5.5 V, VMODE = GND
VSEL = GND/VIN suitable output
current to keep PS operation
-3
+3
%
VFB
Feedback voltage accuracy
Adjustable version
493
500
507
mV
%VOUT
Maximum load regulation
ILOAD = from 10 mA to 800 mA
±0.5
%
VOPP-PS Peak-to-peak ripple in PS mode
IOUT = 100 mA
130
mV
ILKFB
FB pin leakage current
VFB = 5.5 V
9
µA
Logic inputs
VIL
Low-level input voltage (EN,
MODE, BP, VSEL pins)
0.4
V
VIH
High-level input voltage (EN,
MODE, BP, VSEL pins)
1.2
V
ILK-I
Input leakage current (EN,
MODE, BP, VSEL pins)
VEN=VMODE=VBP=VSEL= 5.5 V
0.01
1
µA
Power switches
RDS(on)
P-channel on-resistance
130
350
m
Ω
N-channel on-resistance
130
350
m
Ω
ILKG-P
P-channel leakage current
VIN = VOUT = 5.5 V; VEN = 0
1
µA
ILKG-N
N-channel leakage current
VSW1 = VSW2 = 5.5 V; VEN = 0
1
µA
1.
Not tested in production. This value is guaranteed by correlation with RDS(on), peak current limit and operating input
voltage.
2.
Not tested in production.
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit


Similar Part No. - STBB2J-29

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
STBB010 EIC-STBB010 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBB011 EIC-STBB011 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBB012 EIC-STBB012 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBB013 EIC-STBB013 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBB015 EIC-STBB015 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - STBB2J-29

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA109V1 STMICROELECTRONICS-STEVAL-ISA109V1 Datasheet
78Kb / 4P
   800 mA, 3 MHz, high efficiency dual mode buck-boost DC-DC converter based on the STBB2 Data brief
October 2012 Rev 1
STEVAL-ISA109V2 STMICROELECTRONICS-STEVAL-ISA109V2 Datasheet
249Kb / 4P
   800 mA, 3 MHz, adjustable output high efficiency dual-mode buck-boost DC-DC converter based on the STBB2
April 2013 Rev 1
logo
Analog Devices
ADP2503 AD-ADP2503 Datasheet
1Mb / 16P
   600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
Rev. PrB
logo
Texas Instruments
LM3668 TI1-LM3668_14 Datasheet
4Mb / 26P
[Old version datasheet]   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
National Semiconductor ...
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668-Q1 TI-LM3668-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668_08 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Analog Devices
ADP2503 AD-ADP2503_V01 Datasheet
1Mb / 16P
   600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
Rev. D
logo
Diodes Incorporated
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com