Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMP-03V-BC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMP-03V-BC
Description  2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMP-03V-BC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMP-03V-BC Datasheet HTML 1Page - List of Unclassifed Manufacturers SMP-03V-BC Datasheet HTML 2Page - List of Unclassifed Manufacturers SMP-03V-BC Datasheet HTML 3Page - List of Unclassifed Manufacturers SMP-03V-BC Datasheet HTML 4Page - List of Unclassifed Manufacturers SMP-03V-BC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
SM CONNECTOR
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
The SM series are 2.5mm pitch,
wire-to-wire connectors that perform
reliably in high-density, small current
applications.
• High contact pressure
• Highly reliable housing construction
• Mountable on a variety of panels
• Arm lock mechanism
Specifications –––––––––––––––––––
• Current rating: 3A AC, DC max.
• Voltage rating: 250V AC, DC max.
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 10m Ω max.
After environmental testing/ 20m Ω max.
• Insulation resistance: 500M Ω min.
• Withstanding voltage: 1,500V AC/minute
• Applicable wire: AWG #28 to #22
0.08 to 0.33mm2
• Applicable panel thickness: 0.5 to 2.0mm
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
2R50120150
5.7
8.2
10.7
13.2
15.7
18.2
20.7
23.2
25.7
28.2
30.7
23.2
9.6
12.1
14.6
17.1
19.6
22.1
24.6
27.1
29.6
32.1
34.6
27.2
5.7
8.2
10.7
13.2
15.7
18.2
20.7
23.2
25.7
28.2
30.7
23.2
9.8
12.3
14.8
17.3
19.8
22.3
24.8
27.3
29.8
32.3
34.8
27.4
5.7
8.2
10.7
13.2
15.7
18.2
20.7
23.2
25.7
28.2
30.7
23.2
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
27.6
Plug housing Model No.
Circuits
B
A
2
3
4
5
6
7
8
9
10
11
12
18
SMP-02V-B(N)C
SMP-03V-B(N)C
SMP-04V-B(N)C
SMP-05V-B(N)C
SMP-06V-B(N)C
SMP-07V-B(N)C
SMP-08V-B(N)C
SMP-09V-B(N)C
SMP-10V-B(N)C
SMP-11V-B(N)C
SMP-12V-B(N)C
SMP-18V-B(N)C
0.5
∼0.9
1.0
∼1.5
1.5
∼2.0
Panel hole dimensions (mm) General tolerance
Panel thickness (mm)
+0.15
0
±0.1
B
A
+0.15
0
±0.1
B
A
+0.15
0
±0.1
A
B
4
+0.15
 0
7
A
B
+0.15
0
(22.9)
(18 circuits)
(2 to 12 circuits)
Note: 1. Punch holes in the panel according to the sketch and table shown above. Burrs must be removed.
2. The strength of the panel must be considered when punching two or more holes.
3. The connector must be inserted from the same side as the hole is punched.


Similar Part No. - SMP-03V-BC

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SMP-03 RFM-SMP-03 Datasheet
161Kb / 2P
   10-Terminal Ceramic Surface-Mount Case 7 x 5 mm Nominal Footprint
More results

Similar Description - SMP-03V-BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
J21SF-03V-KX ETC2-J21SF-03V-KX Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
JST Mfg. Co., Ltd.
XARR-06V JST-XARR-06V Datasheet
153Kb / 3P
   XA CONNECTOR 2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
   Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
logo
List of Unclassifed Man...
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
   11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com