Electronic Components Datasheet Search |
|
8-147095-2 Datasheet(PDF) 82 Page - Tyco Electronics |
|
8-147095-2 Datasheet(HTML) 82 Page - Tyco Electronics |
82 / 98 page 262 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Shielding Hardware and Accessories for Double-Row MT Receptacle Assemblies (Continued) AMPMODU Interconnection System Note: All part numbers are RoHS compliant. 5 Outer Shell Half Flare braid over assembled shells for crimping under ferrule Ferrule Purchased separately (See page 263) Standard MT Receptacle Assembly Purchased separately (Refer to pages 256 & 257) Two-Piece Shields— Right-Angle Exit Material and Finish Shell Halves — Copper alloy, .020 [0.51] thick; pretinned .000030 [0.00076] min. Related Product Data Double-Row MT Receptacle Assemblies — pages 256, 257 Non-Polarizing Covers (Part No. Series 102541 with back cover 102536 or 102823) — pages 258, 259 Shield Ferrules — page 263 Technical Documents — pages 277, 278 Product Specification 108-25015, 108-25018, 108-25030 Application Specification 114-25032 Instruction Sheet 408-6532 A B C .326 [8.28] Inner Shell Half No. of Dimensions Part Nos. Pos. A B C Outer Shell Inner Shell 18 1.010 [25.65] 1.120 [28.45] 1.413 [35.89] 102784-2 102783-2 26 1.410 [35.81] 1.166 [29.62] 1.975 [50.17] 103139-2 103138-2 40 2.110 [53.59] 1.135 [28.83] 2.633 [66.88] 102786-2 102785-2 50 2.610 [66.29] .983 [24.97] 3.133 [79.58] 102788-2 102787-2 60 3.110 [78.99] 1.118 [28.40] 3.606 [91.59] 103141-2 103140-2 Notes: 1. Match shield size to number of connector positions. 2. Hole is provided in 26 through 60-position cable shields for application of optional cable tie pull ring after assembly. .125 [3.18] Dia. (See Note 2) |
Similar Part No. - 8-147095-2 |
|
Similar Description - 8-147095-2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |