Electronic Components Datasheet Search |
|
RMCP2010 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
RMCP2010 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 3 page Rev Date: 06/22/2012 2 www.seielect.com RMCF/RMCP Series General Purpose Thick Film Standard Power and High Power Chip Resistor Stackpole Electronics, Inc. Resistive Product Solutions This specification may be changed at any time without prior notice marketing@seielect.com Please confirm technical specifications before you order and/or use. 0.024 ± 0.001 0.012 ± 0.001 0.009 ± 0.0004 0.006 ± 0.002 0.006 ± 0.002 inches 0.60 ± 0.03 0.30 ± 0.03 0.23 ± 0.01 0.15 ± 0.05 0.15 ± 0.05 mm 0.039 ± 0.004 0.020 ± 0.002 0.012 ± 0.004 0.008 ± 0.004 0.010 ± 0.006 inches 1.00 ± 0.10 0.50 ± 0.05 0.30 ± 0.10 0.20 ± 0.10 0.25 ± 0.15 mm 0.061 ± 0.006 0.031 ± 0.006 / -0.004 0.018 ± 0.004 0.012 ± 0.008 0.012 ± 0.008 inches 1.55 ± 0.15 0.80 + 0.15 / -0.10 0.45 ± 0.10 0.30 ± 0.20 0.30 ± 0.20 mm 0.079 ± 0.008 0.049 ± 0.004 0.020 ± 0.006 0.014 ± 0.010 0.014 ± 0.010 inches 2.00 ± 0.20 1.25 ± 0.10 0.50 ± 0.15 0.35 ± 0.25 0.35 ± 0.25 mm 0.126 ± 0.010 0.063 ± 0.006 0.022 ± 0.006 0.020 ± 0.012 0.020 ± 0.012 inches 3.20 ± 0.25 1.60 ± 0.15 0.55 ± 0.15 0.50 ± 0.30 0.50 ± 0.30 mm 0.126 ± 0.010 0.098 ± 0.010 0.022 ± 0.006 0.020 ± 0.012 0.020 ± 0.012 inches 3.20 ± 0.25 2.50 ± 0.25 0.55 ± 0.15 0.50 ± 0.30 0.50 ± 0.30 mm 0.197 ± 0.008 0.098 ± 0.008 0.022 ± 0.006 0.024 ± 0.012 0.024 ± 0.014 inches 5.00 ± 0.20 2.50 ± 0.20 0.55 ± 0.15 0.60 ± 0.30 0.60 ± 0.35 mm 0.248 ± 0.008 0.126 ± 0.010 0.022 ± 0.006 0.024 ± 0.012 0.024 ± 0.014 inches 6.30 ± 0.20 3.20 ± 0.25 0.55 ± 0.15 0.60 ± 0.30 0.60 ± 0.35 mm LW H a b Body Length Body Width Body Height Top Termination Bottom Termination RMCF0805 RMCP0805 RMCF1206 RMCP1206 RMCF1210 RMCP1210 RMCF2512 RMCP2512 RMCF2010 RMCP2010 RMCF0402 RMCP0402 RMCF0603 RMCP0603 Type / Code Unit RMCF0201 Mechanical Specifications Short Time Overload 2.5x rated voltage for 5 seconds ± (2% + 0.1Ω) Dielectric Withstanding Voltage 100 VAC, 1 minute ± (1% + 0.05Ω) Resistance to Soldering Heat 260ºC ±5ºC, for 10 sec. ±0.5 sec. (Solder Bath) ± 1% Solderability 235ºC ±5ºC, for 2 sec. ±0.5 sec. (Colophonium flux) 95% coverage, minimum -65ºC: 30 min. 25ºC: 2 to 3 min. ±(1% + 0.05Ω) 155ºC: 30 min. 25ºC: 2 to 3 min. Jumper (<0.05Ω) (5 Cycles) 40ºC ± 2ºC, 90% RH, Rated Load ±(3% + 0.1Ω) 90 min. On, 30 min. Off for 1,000 hrs. -0hrs./+48hrs. Jumper (<0.05Ω) 70ºC ± 2ºC, Rated Load ±(3% + 0.1Ω) 90 min. On, 30 min. Off for 1,000 hrs. -0hrs./+48hrs. Jumper (<0.05Ω) Voltage Coefficient 1/10 rated voltage for 3 sec. max. then rated voltage for 3 sec. max. ±100 (ppm/V) Robustness of Termination Bend of 3mm for 5 ± 1 sec. ± (1% + 0.05 Ohm) Operating Temperature Range: -55ºC to +125ºC (0201 size) -55ºC to +155ºC (all others) Endurance (Damp load) Endurance (Rated load) Test Results Test Test Conditions (JIS C 5202) Temperature Cycle Performance Characteristics |
Similar Part No. - RMCP2010 |
|
Similar Description - RMCP2010 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |