Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMCF0805 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RMCF0805
Description  General Purpose thick Film Standard Power and High Power Chip Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RMCF0805 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RMCF0805 Datasheet HTML 1Page - List of Unclassifed Manufacturers RMCF0805 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMCF0805 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev Date: 06/22/2012
3
www.seielect.com
RMCF/RMCP Series
General Purpose Thick Film Standard Power
and High Power Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
How to Order - RMCF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
R
M
C
F
06
03J
T
4
K
70
Size
0201
Code
Value
Code
Quantity
0402
F
E96, E24
10,000
0603
J
E24
5,000
0805
Z
4,000
1206
G
10,000
1210
B
1,000
2010
2512
0201, 0402
0603, 0805, 1206
0603, 0805, 1206
7" Reel - Plastic Tape
Bulk
T
7" Reel - Paper Tape
1%
1210, 2010, 2512
0603, 0805, 1206
10" Reel - Paper Tape
Tol
Product Series
Packaging
Resistance Value
Power
Tolerance
4.70 ohm = 4R70
Four characters with the
multiplier used as the
decimal holder.
0.05W
RMCF
5%
Thick Film
Chip Resistors
Size
Description
0.063W
0.1W
jumper
Zero ohm jumper = 0R00
0.125W
0.25W
0.33W
0.75W
1 Mohm = 1M00
1W
10.0 Kohm = 10K0
0.1 ohm = R100
How to Order – RMCP
12
34567
89
10
11
12
13
14
R
M
C
P
0
603J
T
4
K
70
Size
RMCP High Power
0402
Code
Tol
Value
Code
Description
Quantity
0603
F
1%
E96, E24
10,000
0805
J
5%
E24
1206
1210
4,000
2010
2512
10,000
5,000
0603, 0805
1206, 1210
T
7" Reel
Paper Tape
G
0.25W
1 ohm = 1R00
Power Rating
0.1W
0.125W
Tolerance
Packaging
Product Series
Resistance Value
Size
0402
Four characters with the multiplier
used as the decimal holder.
2W
10 Kohm = 10K0
1 Mohm = 1M00
1W
0.33W
0.5W
2010, 2512
0603, 0805
1206, 1210
10" Reel
Paper Tape
Legacy Part Number (before January 3, 2011):
Nominal
Resistance
4.7K
Type
Description
Code Wattage Size
Tolerance
Values
SEI Types
Pkg Qty
Description
Code
RMC
Standard
1/20
0.05W
0201
1%
E96,E24
0201, 0402
10,000
7" reel - paper tape
R
RMCF
RoHS
1/16S 0.063W 0402
5%
E24
10,000
10" reel - paper tape
G
1/16
0.1W
0603
5,000
7" reel - paper tape
R
1/10
0.125W 0805
1,000
bulk
A
1/8
0.25W
1206
1210, 2010, 2512
4,000
7" reel - plastic tape
R
1/4
0.33W
1210
1/2
0.75W
2010
1
1W
2512
0603, 0805, 1206
RMCF
1/16
5%
R
SEI Type
Code
Tolerance
Packaging
Nominal
Resistance
4.7K
Type
Description
Code Wattage Size
Tolerance
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
Values
SEI Types
Pkg Qty
Description
Code
RMCP
High Power
0402
0.1W
0402
1%
E96,E24
0402
10,000
7" reel - paper tape
R
0603
0.125W 0603
5%
E24
0805
0.25W
0805
1206
0.33W
1206
1210
0.5W
1210
2010
1W
2010
2010, 2512
4,000
2512
2W
2512
0603, 0805,
1206, 1210
5,000
7" reel - paper tape
R
0603, 0805,
1206, 1210
10,000
10" reel - paper tape
G
RMCP
0603
5%
R
SEI Type
Code
Tolerance
Packaging


Similar Part No. - RMCF0805

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RMCF0805 SEI-RMCF0805 Datasheet
650Kb / 13P
   General Purpose Thick Film Standard Power and High-Power Chip Resistor
7/22/2022
RMCF0805FG0R00 SEI-RMCF0805FG0R00 Datasheet
650Kb / 13P
   General Purpose Thick Film Standard Power and High-Power Chip Resistor
7/22/2022
RMCF0805FG10K0 SEI-RMCF0805FG10K0 Datasheet
650Kb / 13P
   General Purpose Thick Film Standard Power and High-Power Chip Resistor
7/22/2022
RMCF0805FG1M00 SEI-RMCF0805FG1M00 Datasheet
650Kb / 13P
   General Purpose Thick Film Standard Power and High-Power Chip Resistor
7/22/2022
RMCF0805FG4K70 SEI-RMCF0805FG4K70 Datasheet
650Kb / 13P
   General Purpose Thick Film Standard Power and High-Power Chip Resistor
7/22/2022
More results

Similar Description - RMCF0805

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMCF0402FT270R ETC2-RMCF0402FT270R Datasheet
262Kb / 8P
   General Purpose Thick Film Standard Power and High Power Chip Resistor
logo
Stackpole Electronics, ...
RMCF SEI-RMCF Datasheet
650Kb / 13P
   General Purpose Thick Film Standard Power and High-Power Chip Resistor
7/22/2022
logo
TAITRON Components Inco...
RC2512 TAITRON-RC2512 Datasheet
537Kb / 7P
   Thick Film Chip Resistor General Purpose
logo
IRC - a TT electronics ...
WCR-WCR00201LF-1001-J-P IRCTT-WCR-WCR00201LF-1001-J-P Datasheet
236Kb / 3P
   General Purpose Thick Film Chip Resistor
logo
TAITRON Components Inco...
RC0805 TAITRON-RC0805 Datasheet
548Kb / 7P
   Thick Film Chip Resistor General Purpose
RC1210 TAITRON-RC1210 Datasheet
547Kb / 7P
   Thick Film Chip Resistor General Purpose
RC0201 TAITRON-RC0201 Datasheet
534Kb / 7P
   Thick Film Chip Resistor General Purpose
RC0603 TAITRON-RC0603 Datasheet
547Kb / 8P
   Thick Film Chip Resistor General Purpose
RC1206 TAITRON-RC1206 Datasheet
548Kb / 7P
   Thick Film Chip Resistor General Purpose
RC0402 TAITRON-RC0402 Datasheet
535Kb / 7P
   Thick Film Chip Resistor General Purpose
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com