Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9-535542-0 Datasheet(PDF) 57 Page - Tyco Electronics

Part # 9-535542-0
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-535542-0 Datasheet(HTML) 57 Page - Tyco Electronics

Back Button 9-535542-0 Datasheet HTML 53Page - Tyco Electronics 9-535542-0 Datasheet HTML 54Page - Tyco Electronics 9-535542-0 Datasheet HTML 55Page - Tyco Electronics 9-535542-0 Datasheet HTML 56Page - Tyco Electronics 9-535542-0 Datasheet HTML 57Page - Tyco Electronics 9-535542-0 Datasheet HTML 58Page - Tyco Electronics 9-535542-0 Datasheet HTML 59Page - Tyco Electronics 9-535542-0 Datasheet HTML 60Page - Tyco Electronics 9-535542-0 Datasheet HTML 61Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 98 page
background image
237
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
MTE Pin Assemblies, Shrouded—Strip Form Polarized/Latching,
Single-Row, .100 [2.54] Centerline (Continued)
MTE Pin Assemblies, Shrouded—Individual Form Polarized/Latching,
Single-Row, .100 [2.54] Centerline
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Housing
Strip Form Pin Assembly
Strip Form Pin Assembly
No. of
Dimensions
Quantities
30-26 AWG [0.05-0.15mm2] Wire
26-22 AWG [0.12-0.3mm2] Wire
Unloaded
Pos.
AB
Per Strip
Plating A
Plating B
Plating C
Plating A
Plating B
Plating C
Housings
Segment
2
2.360 [59.94]
.295 [7.49]
8
5-103949-1
5-103948-1
5-103947-1
5-103946-1
5-103945-1
5-103944-1
103653-1
3
1.980 [50.29]
.395 [10.03]
5
5-103949-2
5-103948-2
5-103947-2
5-103946-2
5-103945-2
5-103944-2
103653-2
4
1.980 [50.29]
.495 [12.57]
4
5-103949-3
5-103948-3
5-103947-3
5-103946-3
5-103945-3
5-103944-3
103653-3
5
2.380 [60.45]
.595 [15.11]
4
5-103949-4
5-103948-4
5-103947-4
5-103946-4
5-103945-4
5-103944-4
103653-4
6
1.390 [35.31]
.695 [17.65]
2
5-103949-5
5-103948-5
5-103947-5
5-103946-5
5-103945-5
5-103944-5
103653-5
7
2.390 [60.71]
.795 [20.19]
3
5-103949-6
5-103948-6
5-103947-6
5-103946-6
5-103945-6
5-103944-6
103653-6
8
1.790 [45.47]
.895 [22.73]
2
5-103949-7
5-103948-7
5-103947-7
5-103946-7
5-103945-7
5-103944-7
103653-7
9
1.990 [50.57]
.995 [25.27]
2
5-103949-8
5-103948-8
5-103947-8
5-103946-8
5-103945-8
5-103944-8
103653-8
10
2.190 [55.63] 1.095 [27.81]
2
5-103949-9
5-103948-9
5-103947-9
5-103946-9
5-103945-9
5-103944-9
103653-9
11
2.390 [60.71] 1.195 [30.35]
2
6-103949-0
6-103948-0
6-103947-0
6-103946-0
6-103945-0
6-103944-0
1-103653-0
12
2.590 [65.79] 1.295 [32.89]
2
6-103949-1
6-103948-1
6-103947-1
6-103946-1
6-103945-1
6-103944-1
1-103653-1
No. of
Dimensions
Individual Pin Assembly
Individual Pin Assembly
Unloaded
Pos.
B
30-26 AWG [0.05-0.15mm2] Wire
26-22 AWG [0.12-0.3mm2] Wire
Housings
Plating A
Plating B
Plating C
Plating A
Plating B
Plating C
13
1.395 [35.43]
6-103894-2
6-103658-2
6-103659-2
6-103893-2
6-103660-2
6-103661-2
1-103653-2
14
1.495 [37.97]
6-103894-3
6-103658-3
6-103659-3
6-103893-3
6-103660-3
6-103661-3
1-103653-3
15
1.595 [40.51]
6-103894-4
6-103658-4
6-103659-4
6-103893-4
6-103660-4
6-103661-4
1-103653-4
16
1.695 [43.05]
6-103894-5
6-103658-5
6-103659-5
6-103893-5
6-103660-5
6-103661-5
1-103653-5
17
1.795 [45.59]
6-103894-6
6-103658-6
6-103659-6
6-103893-6
6-103660-6
6-103661-6
1-103653-6
18
1.895 [48.13]
6-103894-7
6-103658-7
6-103659-7
6-103893-7
6-103660-7
6-103661-7
1-103653-7
19
1.995 [50.67]
6-103894-8
6-103658-8
6-103659-8
6-103893-8
6-103660-8
6-103661-8
1-103653-8
20
2.095 [53.21]
6-103894-9
6-103658-9
6-103659-9
6-103893-9
6-103660-9
6-103661-9
1-103653-9
21
2.195 [55.75]
7-103894-0
7-103658-0
7-103659-0
7-103893-0
7-103660-0
7-103661-0
2-103653-0
22
2.295 [58.29]
7-103894-1
7-103658-1
7-103659-1
7-103893-1
7-103660-1
7-103661-1
2-103653-1
23
2.395 [60.83]
7-103894-2
7-103658-2
7-103659-2
7-103893-2
7-103660-2
7-103661-2
2-103653-2
24
2.495 [63.37]
7-103894-3
7-103658-3
7-103659-3
7-103893-3
7-103660-3
7-103661-3
2-103653-3
25
2.595 [65.91]
7-103894-4
7-103658-4
7-103659-4
7-103893-4
7-103660-4
7-103661-4
2-103653-4
Notes: 1. Pin assemblies are furnished with strip contacts partially inserted into housing—contacts latched into “preload” windows. Contacts are fully inserted
into housings automatically when terminated with Tyco Electronics application machines, or manually when terminated with Tyco Electronics pistol
grip hand tool.
2. Use Extraction/Lance Reset Tool No. 843477-1 to remove pin contacts.


Similar Part No. - 9-535542-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
9-510500-4 TEC-9-510500-4 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
9-510500-4 TEC-9-510500-4 Datasheet
738Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
9-5179180-6 TEC-9-5179180-6 Datasheet
731Kb / 4P
   REC ASSYY 9H TYPE (0.5 BOSS L) FOR FH 0.8mm B-T-B CONN ON TAPING
logo
Tyco Electronics
9-51864-1 MACOM-9-51864-1 Datasheet
203Kb / 2P
   TERMINAL RING TONGUE, I.R., PIDG, WIRE SIZE, 16-14WG
9-51864-3 MACOM-9-51864-3 Datasheet
203Kb / 2P
   TERMINAL RING TONGUE, I.R., PIDG, WIRE SIZE, 16-14WG
More results

Similar Description - 9-535542-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com