Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9-535542-0 Datasheet(PDF) 65 Page - Tyco Electronics

Part # 9-535542-0
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-535542-0 Datasheet(HTML) 65 Page - Tyco Electronics

Back Button 9-535542-0 Datasheet HTML 61Page - Tyco Electronics 9-535542-0 Datasheet HTML 62Page - Tyco Electronics 9-535542-0 Datasheet HTML 63Page - Tyco Electronics 9-535542-0 Datasheet HTML 64Page - Tyco Electronics 9-535542-0 Datasheet HTML 65Page - Tyco Electronics 9-535542-0 Datasheet HTML 66Page - Tyco Electronics 9-535542-0 Datasheet HTML 67Page - Tyco Electronics 9-535542-0 Datasheet HTML 68Page - Tyco Electronics 9-535542-0 Datasheet HTML 69Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 98 page
background image
245
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
MTE Headers, Shrouded Polarized/Latching,
Single-Row .100 [2.54] Centerline (Continued)
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
No. of
Dimensions
Polarized/Latching Header With Swage
Polarized/Latching Header Without Swage
Pos.
A
B
C
Plating A
Plating B
Plating C
Plating A
Plating B
Plating C
2
.300 [7.62]
.220 [5.59]
.100 [2.54]
5-103908-1
5-104362-1
5-103669-1
5-103735-1
5-104363-1
5-103639-1
3
.400 [10.16]
.320 [8.13]
.200 [5.08]
5-103908-2
5-104362-2
5-103669-2
5-103735-2
5-104363-2
5-103639-2
4
.500 [12.70]
.420 [10.67]
.300 [7.62]
5-103908-3
5-104362-3
5-103669-3
5-103735-3
5-104363-3
5-103639-3
5
.600 [15.24]
.520 [13.21]
.400 [10.16]
5-103908-4
5-104362-4
5-103669-4
5-103735-4
5-104363-4
5-103639-4
6
.700 [17.78]
.620 [15.75]
.500 [12.70]
5-103908-5
5-104362-5
5-103669-5
5-103735-5
5-104363-5
5-103639-5
7
.800 [20.32]
.720 [18.29]
.600 [15.24]
5-103908-6
5-104362-6
5-103669-6
5-103735-6
5-104363-6
5-103639-6
8
.900 [22.86]
.820 [20.83]
.700 [17.78]
5-103908-7
5-104362-7
5-103669-7
5-103735-7
5-104363-7
5-103639-7
9
1.000 [25.40]
.920 [23.37]
.800 [20.32]
5-103908-8
5-104362-8
5-103669-8
5-103735-8
5-104363-8
5-103639-8
10
1.100 [27.94] 1.020 [25.91]
.900 [22.86]
5-103908-9
5-104362-9
5-103669-9
5-103735-9
5-104363-9
5-103639-9
11
1.200 [30.48] 1.120 [28.45]
1.000 [25.40]
6-103908-0
6-104362-0
6-103669-0
6-103735-0
6-104363-0
6-103639-0
12
1.300 [33.02] 1.220 [30.99]
1.100 [27.94]
6-103908-1
6-104362-1
6-103669-1
6-103735-1
6-104363-1
6-103639-1
13
1.400 [35.56] 1.320 [33.53]
1.200 [30.48]
6-103908-2
6-104909-2
6-103669-2
6-103735-2
6-104910-2
6-103639-2
14
1.500 [38.10] 1.420 [36.07]
1.300 [33.02]
6-103908-3
6-104909-3
6-103669-3
6-103735-3
6-104910-3
6-103639-3
15
1.600 [40.64] 1.520 [38.61]
1.400 [35.56]
6-103908-4
6-104909-4
6-103669-4
6-103735-4
6-104910-4
6-103639-4
16
1.700 [43.18] 1.620 [41.15]
1.500 [38.10]
6-103908-5
6-104909-5
6-103669-5
6-103735-5
6-104910-5
6-103639-5
17
1.800 [45.72] 1.720 [43.69]
1.600 [40.64]
6-103908-6
6-104909-6
6-103669-6
6-103735-6
6-104910-6
6-103639-6
18
1.900 [48.26] 1.820 [46.23]
1.700 [43.18]
6-103908-7
6-104909-7
6-103669-7
6-103735-7
6-104910-7
6-103639-7
19
2.000 [50.80] 1.920 [48.77]
1.800 [45.72]
6-103908-8
6-104909-8
6-103669-8
6-103735-8
6-104910-8
6-103639-8
20
2.100 [53.34] 2.020 [51.31]
1.900 [48.26]
6-103908-9
6-104909-9
6-103669-9
6-103735-9
6-104910-9
6-103639-9
21
2.200 [55.88] 2.120 [53.85]
2.000 [50.80]
7-103908-0
7-104909-0
7-103669-0
7-103735-0
7-104910-0
7-103639-0
22
2.300 [58.42] 2.220 [56.39]
2.100 [53.34]
7-103908-1
7-104909-1
7-103669-1
7-103735-1
7-104910-1
7-103639-1
23
2.400 [60.96] 2.320 [58.93]
2.200 [55.88]
7-103908-2
7-104909-2
7-103669-2
7-103735-2
7-104910-2
7-103639-2
24
2.500 [63.50] 2.420 [61.47]
2.300 [58.42]
7-103908-3
7-104909-3
7-103669-3
7-103735-3
7-104910-3
7-103639-3
25
2.600 [66.04] 2.520 [64.01]
2.400 [60.96]
7-103908-4
7-104909-4
7-103669-4
7-103735-4
7-104910-4
7-103639-4
Notes: 1. Selectively loaded headers are available, consult Tyco Electronics.
2. Use Keying Tool No. 91417-1 to remove post for keying.


Similar Part No. - 9-535542-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
9-510500-4 TEC-9-510500-4 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
9-510500-4 TEC-9-510500-4 Datasheet
738Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
9-5179180-6 TEC-9-5179180-6 Datasheet
731Kb / 4P
   REC ASSYY 9H TYPE (0.5 BOSS L) FOR FH 0.8mm B-T-B CONN ON TAPING
logo
Tyco Electronics
9-51864-1 MACOM-9-51864-1 Datasheet
203Kb / 2P
   TERMINAL RING TONGUE, I.R., PIDG, WIRE SIZE, 16-14WG
9-51864-3 MACOM-9-51864-3 Datasheet
203Kb / 2P
   TERMINAL RING TONGUE, I.R., PIDG, WIRE SIZE, 16-14WG
More results

Similar Description - 9-535542-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com