Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMST5089 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMST5089
Description  SUPERmini. SURFACE MOUNT NPN SILICON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMST5089 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMST5089 Datasheet HTML 1Page - Central Semiconductor Corp CMST5089 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMST5088,
CMST5089 types are NPN silicon transistors
manufactured by the epitaxial planar process,
epoxy molded in a SUPERminisurface mount
package, designed for applications requiring high
gain and low noise. Marking Codes are 1QC,
1RC respectively.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
CMST5088
CMST5089
UNITS
Collector-Base Voltage
VCBO
35
30
V
Collector-Emitter Voltage
VCEO
30
25
V
Emitter-Base Voltage
VEBO
4.5
V
Collector Current
IC
50
mA
Power Dissipation
PD
250
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CMST5088
CMST5089
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=20V
50
nA
ICBO
VCB=15V
50
nA
IEBO
VEB=3.0V
50
nA
IEBO
VEB=4.5V
100
nA
BVCBO
IC=100µA
35
30
V
BVCEO
IC=1.0mA
30
25
V
BVEBO
IE=100µA
4.5
4.5
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.5
0.5
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.8
0.8
V
hFE
VCE=5.0V, IC=0.1mA
300
900
400
1200
hFE
VCE=5.0V, IC=1.0mA
350
450
hFE
VCE=5.0V, IC=10mA
300
400
fT
VCE=5.0V, IC=500µA, f=20MHz
50
50
MHz
Cob
VCB=5.0V, IE=0, f=1.0MHz
4.0
4.0
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
15
15
pF
hfe
VCE=5.0V, IC=1.0mA, f=1.0kHz
350
1400
450
1800
NF
VCE=5.0V, IC=100µA, RS=10kΩ
f=10Hz to 15.7kHz
3.0
2.0
dB
CMST5088
CMST5089
SUPERmini
SURFACE MOUNT
NPN SILICON TRANSISTORS
SOT-323 CASE
Central
Semiconductor Corp.
TM
R1 ( 19-September 2001)


Similar Part No. - CMST5089

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMST5089 CENTRAL-CMST5089 Datasheet
407Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMST5089 CENTRAL-CMST5089 Datasheet
407Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results

Similar Description - CMST5089

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMST5086 CENTRAL-CMST5086 Datasheet
115Kb / 2P
   SURFACE MOUNT SUPERmini PNP SILICON TRANSISTORS
CMST3410 CENTRAL-CMST3410 Datasheet
86Kb / 2P
   SURFACE MOUNT SUPERmini COMPLEMENTARY SILICON LOW VCE(SAT) TRANSISTORS
CMST3904 CENTRAL-CMST3904 Datasheet
118Kb / 2P
   SURFACE MOUNT SUPERmini COMPLEMENTARY SILICON TRANSISTOR
CMST6427E CENTRAL-CMST6427E Datasheet
93Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT, SUPERmini SILICON NPN DARLINGTON TRANSISTOR
CIMD6A CENTRAL-CIMD6A Datasheet
121Kb / 2P
   SURFACE MOUNT, SUPERmini DUAL COMPLEMENTARY SILICON DIGITAL TRANSISTORS 50V, 100mA
CMXT2207 CENTRAL-CMXT2207 Datasheet
94Kb / 2P
   SURFACE MOUNT SUPERmini DUAL COMPLEMENTARY SILICON TRANSISTOR
BC817 CENTRAL-BC817 Datasheet
337Kb / 2P
   SURFACE MOUNT SILICON NPN TRANSISTORS
CXT5551 CENTRAL-CXT5551 Datasheet
100Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTORS
CXT3019 CENTRAL-CXT3019 Datasheet
100Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTORS
CMPT5088 CENTRAL-CMPT5088 Datasheet
99Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com