Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMST5088 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CMST5088
Description  SUPERmini. SURFACE MOUNT NPN SILICON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMST5088 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMST5088 Datasheet HTML 1Page - Central Semiconductor Corp CMST5088 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMST5088,
CMST5089 types are NPN silicon transistors
manufactured by the epitaxial planar process,
epoxy molded in a SUPERminisurface mount
package, designed for applications requiring high
gain and low noise. Marking Codes are 1QC,
1RC respectively.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
CMST5088
CMST5089
UNITS
Collector-Base Voltage
VCBO
35
30
V
Collector-Emitter Voltage
VCEO
30
25
V
Emitter-Base Voltage
VEBO
4.5
V
Collector Current
IC
50
mA
Power Dissipation
PD
250
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CMST5088
CMST5089
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=20V
50
nA
ICBO
VCB=15V
50
nA
IEBO
VEB=3.0V
50
nA
IEBO
VEB=4.5V
100
nA
BVCBO
IC=100µA
35
30
V
BVCEO
IC=1.0mA
30
25
V
BVEBO
IE=100µA
4.5
4.5
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.5
0.5
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.8
0.8
V
hFE
VCE=5.0V, IC=0.1mA
300
900
400
1200
hFE
VCE=5.0V, IC=1.0mA
350
450
hFE
VCE=5.0V, IC=10mA
300
400
fT
VCE=5.0V, IC=500µA, f=20MHz
50
50
MHz
Cob
VCB=5.0V, IE=0, f=1.0MHz
4.0
4.0
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
15
15
pF
hfe
VCE=5.0V, IC=1.0mA, f=1.0kHz
350
1400
450
1800
NF
VCE=5.0V, IC=100µA, RS=10kΩ
f=10Hz to 15.7kHz
3.0
2.0
dB
CMST5088
CMST5089
SUPERmini
SURFACE MOUNT
NPN SILICON TRANSISTORS
SOT-323 CASE
Central
Semiconductor Corp.
TM
R1 ( 19-September 2001)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn