Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMPZ5252B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CMPZ5252B
Description  350 mW ZENER DIODE 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

CMPZ5252B Datasheet(HTML) 1 Page - Central Semiconductor Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
214
TYPE
MARKING
CODE
MIN
NOM
MAX
VOLTS
VOLTS
VOLTS
mA
mA
VOLTS
%/°C
CMPZ5221B
2.280
2.4
2.520
20
30
1200
0.25
100
1.0
-0.085
18A
CMPZ5222B
2.375
2.5
2.625
20
30
1250
0.25
100
1.0
-0.085
18B
CMPZ5223B
2.565
2.7
2.835
20
30
1300
0.25
75
1.0
-0.080
18C
CMPZ5224B
2.660
2.8
2.940
20
30
1400
0.25
75
1.0
-0.080
18D
CMPZ5225B
2.850
3.0
3.150
20
29
1600
0.25
50
1.0
-0.075
18E
CMPZ5226B
3.135
3.3
3.465
20
28
1600
0.25
25
1.0
-0.070
C8A
CMPZ5227B
3.420
3.6
3.780
20
24
1700
0.25
15
1.0
-0.065
C8B
CMPZ5228B
3.705
3.9
4.095
20
23
1900
0.25
10
1.0
-0.060
C8C
CMPZ5229B
4.085
4.3
4.515
20
22
2000
0.25
5.0
1.0
±0.055
C8D
CMPZ5230B
4.465
4.7
4.935
20
19
1900
0.25
5.0
2.0
±0.030
C8E
CMPZ5231B
4.845
5.1
5.355
20
17
1600
0.25
5.0
2.0
±0.030
C8F
CMPZ5232B
5.320
5.6
5.880
20
11
1600
0.25
5.0
3.0
+0.038
C8G
CMPZ5233B
5.700
6.0
6.300
20
7.0
1600
0.25
5.0
3.5
+0.038
C8H
CMPZ5234B
5.890
6.2
6.510
20
7.0
1000
0.25
5.0
4.0
+0.045
C8J
CMPZ5235B
6.460
6.8
7.140
20
5.0
750
0.25
3.0
5.0
+0.050
C8K
CMPZ5236B
7.125
7.5
7.875
20
6.0
500
0.25
3.0
6.0
+0.058
C8L
CMPZ5237B
7.790
8.2
8.610
20
8.0
500
0.25
3.0
6.5
+0.062
C8M
CMPZ5238B
8.265
8.7
9.135
20
8.0
600
0.25
3.0
6.5
+0.065
C8N
CMPZ5239B
8.645
9.1
9.555
20
10
600
0.25
3.0
7.0
+0.068
C8P
CMPZ5240B
9.500
10
10.50
20
17
600
0.25
3.0
8.0
+0.075
C8Q
CMPZ5241B
10.45
11
11.55
20
22
600
0.25
2.0
8.4
+0.076
C8R
CMPZ5242B
11.40
12
12.60
20
30
600
0.25
1.0
9.1
+0.077
C8S
CMPZ5243B
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
+0.079
C8T
CMPZ5244B
13.30
14
14.70
9.0
15
600
0.25
0.1
10
+0.082
C8U
ABSOLUTE MAXIMUM RATINGS
SYMBOL
UNITS
Power Dissipation (@ TA=25
oC)
PD
350
mW
Operating and Storage Temperature
TJ,Tstg
-65 to + 175
oC
ELECTRICAL CHARACTERISTICS (TA=25
oC), VF=0.9V MAX @ IF = 10mA FOR ALL TYPES.
CMPZ5221B
THRU
CMPZ5261B
350 mW ZENER DIODE
5% TOLERANCE
SOT-23 CASE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPZ5221B
Series Silicon Zener Diode is a high quality voltage
regulator for use in industrial, commercial,
entertainment and computer applications. Higher
voltage devices are available on special order.
IZT
ZZT @ IZT
ZZK @ IZK
MAXIMUM ZENER IMPEDANCE
MAXIMUM REVERSE
CURRENT
µµµµµA
IR @ VR
ΘVZ
MAX.
TEMP.
COEFF.
VZ @ IZT
ZENER VOLTAGE
TEST
CURRENT


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn