Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMSH3-20M Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CMSH3-20M
Description  HIGH DENSITY SCHOTTKY BARRIER RECTIFIER 3.0 AMP, 20 THRU 100 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

CMSH3-20M Datasheet(HTML) 1 Page - Central Semiconductor Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Semiconductor Corp.
TM
304
SMB CASE
CMSH3-20M
CMSH3-40M
CMSH3-60M
CMSH3-100M
FEATURES:
• HIGH CURRENT CAPABILITY
• FLAMMABILITY CLASSIFICATION UL94V-0
• HIGH DENSITY, SUPER MINI DEVICE
• SUPERIOR LOT TO LOT CONSISTENCY
• LOW COST
• “C” BEND CONSTRUCTION PROVIDES STRAIN
RELIEF WHEN MOUNTED ON PC BOARD
• HIGH RELIABILITY
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 3.0 Amp Surface Mount Silicon Schottky Rectifier is a high
quality, well constructed, highly reliable component designed for use in all types of commercial,
industrial, entertainment, computer, and automotive applications. To order devices on 12mm Tape
and Reel (3000/13" Reel), add TR13 suffix to part number.
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
CMSH3
CMSH3
CMSH3
CMSH3
-20M
-40M
-60M
-100M UNITS
Peak Repetitive Reverse Voltage
VRRM
20
40
60
100
V
DC Blocking Voltage
VR
20
40
60
100
V
RMS Reverse Voltage
VR(RMS)
14
28
42
71
V
Average Forward Current (TL=75°C)
IO
3.0
A
Peak Forward Surge Current (8.3ms)
IFSM
80
A
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
QJL
20
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=Rated VRRM
500
mA
IR
VR=Rated VRRM, TA=100°C
20
mA
VF
IF=3.0A (CMSH3-20M AND CMSH3-40M)
0.55
V
VF
IF=3.0A (CMSH3-60M)
0.75
V
VF
IF=3.0A (CMSH3-100M)
0.85
V
CJ
VR=4.0V, f=1.0MHz
280
pF
NEW
HIGH DENSITY
SCHOTTKY BARRIER RECTIFIER
3.0 AMP, 20 THRU 100 VOLTS


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn