Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UZ8733 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # UZ8733
Description  POWER ZENERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

UZ8733 Datasheet(HTML) 1 Page - Digitron Semiconductors

  UZ8733 Datasheet HTML 1Page - Digitron Semiconductors UZ8733 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
UZ8706, UZ8806 SERIES
POWER ZENERS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATING
Zener Voltage (VZ):
6.8 to 200V
Continuous Current:
See Table
Surge Current ( 8.3 ms):
See Table
Surge Power:
See Graph
Power:
See Lead Temperature Derating Curve
Storage and Operating Temperature:
-65°C to +175°C
ELECTRICAL CHARACTERISTICS
Electrical Specifications at 25°C
Maximum Ratings
Maximum Reverse
Leakage Current
Type
Nominal
Zener
Voltage
VZ @ IZT
Test
Current
IZT
Max. Zener
Impedance
§
ZZ @ IZT
IR @ VR
+5%
VR
+10%
VR
Typ. Temp.
Coeff.
T.C. @ IZT
Maximum
Continuous
Current
IZM
Maximum
Surge
Current
IS
+5%
Tolerance
+10%
Tolerance
Volts
mA
Ohms
μA
Volts
Volts
%/°C
mA
Amps
UZ8706
UZ8806
6.8
37
3.5
50
5.2
4.9
0.04
140
5.00
UZ8707
UZ8807
7.5
34
4.0
30
5.7
5.4
0.04
125
4.50
UZ8708
UZ8808
8.2
31
4.5
10
6.2
5.9
0.05
115
3.90
UZ8709
UZ8809
9.1
28
5.0
3.0
6.9
6.6
0.05
105
3.37
UZ8710
UZ8810
10
25
7.0
2.0
7.6
7.2
0.06
95
2.77
UZ8712
UZ8812
12
23
9.0
1.0
9.1
8.6
0.07
85
2.25
UZ8713
UZ8813
13
21
10
0.5
9.9
9.3
0.07
80
2.25
UZ8714
UZ8814
14
19
12
0.5
10.6
10.1
0.07
74
2.25
UZ8715
UZ8815
15
17
14
0.5
11.4
10.8
0.07
63
1.65
UZ8716
UZ8816
16
15.5
16
0.5
12.1
11.5
0.07
60
1.65
UZ8718
UZ8818
18
14.0
20
0.5
13.7
12.9
0.08
52
1.12
UZ8720
UZ8820
20
12.5
22
0.5
15.2
14.4
0.08
47
1.12
UZ8722
UZ8822
22
11.5
23
0.5
16.7
15.8
0.08
43
1.12
UZ8724
UZ8824
24
10.5
25
0.5
18.2
17.3
0.08
40
0.825
UZ8727
UZ8827
27
9.5
35
0.5
20.5
19.4
0.09
35
0.825
UZ8730
UZ8830
30
8.5
40
0.5
22.8
21.6
0.09
31
0.825
UZ8733
UZ8833
33
7.5
45
0.5
25.1
23.7
0.09
28
0.675
UZ8736
UZ8836
36
7.0
50
0.5
27.3
25.9
0.09
26
0.562
UZ8740
UZ8840
40
6.5
62
0.5
30.4
28.8
0.095
24
0.562
UZ8745
UZ8845
45
6.0
75
0.5
34.2
32.4
0.095
22
0.450
UZ8750
UZ8850
50
5.0
85
0.5
38.0
36.0
0.095
20
0.450
UZ8756
UZ8856
56
4.5
110
0.5
42.5
40.3
0.095
17
0.390
UZ8760
UZ8860
60
4.0
125
0.5
45.6
43.2
0.095
15
0.337
UZ8770
UZ8870
70
3.7
150
0.5
53.2
50.4
0.095
14
0.337
UZ8775
UZ8875
75
3.3
175
0.5
57.0
54.0
0.095
12
0.277
UZ8780
UZ8880
80
3.0
200
0.5
60.8
57.6
0.095
11
0.225
UZ8790
UZ8890
90
2.8
250
0.5
68.4
64.8
0.095
10
0.225
UZ8110
UZ8210
100
2.5
350
0.5
76.0
72.0
.10
9.5
0.225
UZ8111
UZ8211
110
2.3
450
0.5
83.6
79.2
.10
8.5
0.165
UZ8112
UZ8212
120
2.0
550
0.5
91.2
86.4
.10
8.0
0.112
UZ8113
UZ8213
130
1.9
700
0.5
98.8
93.6
.10
7.2
0.112
UZ8114
UZ8214
140
1.8
850
0.5
106
100
.10
6.8
0.112
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120730


Similar Part No. - UZ8733

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UZ8733 MICROSEMI-UZ8733 Datasheet
91Kb / 2P
   POWER ZENERS
logo
New Jersey Semi-Conduct...
UZ8733 NJSEMI-UZ8733 Datasheet
101Kb / 2P
   POWER ZENERS
More results

Similar Description - UZ8733

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
UZ4706 NJSEMI-UZ4706 Datasheet
104Kb / 2P
   POWER ZENERS
UZ5706 NJSEMI-UZ5706 Datasheet
116Kb / 2P
   POWER ZENERS
logo
Microsemi Corporation
UZ4706 MICROSEMI-UZ4706 Datasheet
91Kb / 2P
   POWER ZENERS
UZ8706 MICROSEMI-UZ8706 Datasheet
91Kb / 2P
   POWER ZENERS
UZ5706 MICROSEMI-UZ5706 Datasheet
109Kb / 2P
   POWER ZENERS
UZ706L MICROSEMI-UZ706L Datasheet
127Kb / 3P
   POWER ZENERS
UZ706 MICROSEMI-UZ706 Datasheet
115Kb / 2P
   POWER ZENERS
logo
New Jersey Semi-Conduct...
UZ8706 NJSEMI-UZ8706 Datasheet
101Kb / 2P
   POWER ZENERS
logo
Digitron Semiconductors
UZ810 DIGITRON-UZ810 Datasheet
224Kb / 2P
   POWER ZENERS 3WATT
UZ706 DIGITRON-UZ706 Datasheet
245Kb / 3P
   POWER ZENERS 3WATT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com