Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR26V02G54R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MR26V02G54R
Description  64M?밯ord 32?밄it or 128M 16-Bit Page Mode P2ROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MR26V02G54R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MR26V02G54R Datasheet HTML 1Page - List of Unclassifed Manufacturers MR26V02G54R Datasheet HTML 2Page - List of Unclassifed Manufacturers MR26V02G54R Datasheet HTML 3Page - List of Unclassifed Manufacturers MR26V02G54R Datasheet HTML 4Page - List of Unclassifed Manufacturers MR26V02G54R Datasheet HTML 5Page - List of Unclassifed Manufacturers MR26V02G54R Datasheet HTML 6Page - List of Unclassifed Manufacturers MR26V02G54R Datasheet HTML 7Page - List of Unclassifed Manufacturers MR26V02G54R Datasheet HTML 8Page - List of Unclassifed Manufacturers MR26V02G54R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FEDR26V02G54R-002-01
MR26V02G54R / P2ROM
FUNCTION TABLE
Mode
CE#
OE#
WORD#
VCC
D0 to D15
D16 to D31
A-1
Read (32-Bit)
L
L
H
DOUT
Read (16-Bit)
L
L
L
DOUT
Hi–Z
L/H
H
Output disable
L
H
L
Hi–Z
H
Standby
H
3.3 V
Hi–Z
L
: Don’t Care (H or L)
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Value
Unit
Operating temperature under bias
Ta
0 to 70
°C
Storage temperature
Tstg
–55 to 125
°C
Input voltage
VI
–0.5 to VCC+0.5
V
Output voltage
VO
–0.5 to VCC+0.5
V
Power supply voltage
VCC
relative to VSS
–0.5 to 5
V
Output short circuit current
IOS
10
mA
Power dissipation per package
PD
Ta = 25°C
1.0
W
RECOMMENDED OPERATING CONDITIONS
(Ta = 0 to 70°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
VCC power supply voltage
VCC
3.0
3.6
V
Input “H” level
VIH
2.2
VCC+0.5
V
Input “L” level
VIL
VCC = 3.0 to 3.6 V
–0.5

0.6
V
Voltage is relative to VSS.
 : Vcc+1.5V (Max.) when pulse width of overshoot is less than 10ns.
 : -1.5V (Min.) when pulse width of undershoot is less than 10ns.
PIN CAPACITANCE
(VCC = 3.3 V, Ta = 25°C, f = 1 MHz)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input
CIN1
20
WORD#
CIN2
VI = 0 V
400
Output
COUT
VO = 0 V
20
pF
3/9


Similar Part No. - MR26V02G54R

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR26V01G53L OKI-MR26V01G53L Datasheet
248Kb / 10P
   2M-Word x 16-Bit or 4M-Word x 8-bit P2ROM
logo
List of Unclassifed Man...
MR26V01G53L ETC2-MR26V01G53L Datasheet
219Kb / 8P
   64M-Word x 16-Bit or 128M-Word x 8-Bit Page Mode P2ROM
logo
OKI electronic componet...
MR26V01G53L-XXXMB OKI-MR26V01G53L-XXXMB Datasheet
206Kb / 8P
   64M-Word x 16-Bit or 128M-Word x 8-Bit
More results

Similar Description - MR26V02G54R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR36V01G52B ETC2-MR36V01G52B Datasheet
243Kb / 10P
   64M?밯ord 횞 16?밄it or 128M?밯ord 횞 8?밄it Page Mode P2ROM
MR26V51252R ETC2-MR26V51252R Datasheet
181Kb / 9P
   32M?밯ord 16?밄it or 64M?밯ord 8?밄it Page Mode P2ROM
MR36V04G54B ETC2-MR36V04G54B Datasheet
181Kb / 9P
   128M?밯ord ??32?밄it Page Mode P2ROM
MR36V02G54B ETC2-MR36V02G54B Datasheet
177Kb / 9P
   64M?밯ord 횞 32?밄it Page Mode P2ROM
MR26V6455J ETC2-MR26V6455J Datasheet
172Kb / 8P
   2M?밯ord 32?밄it or 4M?밯ord 16?밄it Page Mode P2ROM
MR26T51203L ETC2-MR26T51203L Datasheet
181Kb / 8P
   32M?밯ord 횞 16?밄it or 64M?밯ord 횞 8?밄it P2ROM
MR27V25653L ETC2-MR27V25653L Datasheet
163Kb / 8P
   16M?밯ord 횞 16?밄it or 32M?밯ord 횞 8?밄it Page Mode P2ROM
MR27V6452L ETC2-MR27V6452L Datasheet
273Kb / 11P
   4M?밯ord 횞 16?밄it or 8M?밯ord 횞 8?밄it Page Mode P2ROM
MR27T12802L ETC2-MR27T12802L Datasheet
368Kb / 9P
   8M?밯ord 16?밄it or 16M?밯ord 8?밄it P2ROM
MR27T6402L ETC2-MR27T6402L Datasheet
294Kb / 12P
   4M?밯ord 횞 16?밄it or 8M?밯ord 횞 8?밄it P2ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com