Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZR01C Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # ZR01C
Description  Inverted Series Suppressor Network
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

ZR01C Datasheet(HTML) 1 Page - Digitron Semiconductors

  ZR01C Datasheet HTML 1Page - Digitron Semiconductors ZR01C Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High‐reliability discrete products  
and engineering services since 1977 
ZR01C 
Inverted Series Suppressor Network 
 
 
 
FEATURES:  
Designed for use as relay suppression circuit applications. 
Plastic ZR01C package. 
Available as “HR” (high reliability) screened per MIL‐PRF‐19500, JANTX level. Add “HR” suffix to base part number. 
Available Non‐RoHS (standard) or RoHS compliant (add PBF suffix). 
 
 
 MAXIMUM RATINGS 
Ratings 
Symbol 
Value 
Unit 
Zener diode power dissipation 
PD
1.5 
Watts 
Rectifier maximum average forward current @ TA = 75°C 
IAV
1.0 
Amps 
Rectifier maximum peak reverse voltage 
VRWM
600 
Volts 
Storage temperature range 
Tstg
70 to +175 
°C 
Operating temperature range 
TJ
70 to +150 
°C 
Solder temperature 
TSP
260 maximum 10sec 
°C 
 
 
 
ELECTRICAL CHARACTERISTICS @ 25°C unless otherwise noted 
Parameters 
Symbol 
Min 
Max 
Unit 
Zener voltage 
IZT = 1.5mA, TP = 10ms 
VZ
33 
39 
Volts 
Zener voltage 
IZT = 1.5mA, TP = 10ms, TA = 125°C 
VZ
36 
43 
Volts 
Zener voltage 
IZT = 1.5mA, TP = 10ms, TA = ‐55°C 
VZ
30 
38 
Volts 
Maximum zener reverse current 
VR = 24V 
IR
0.1 
µA 
Minimum diode breakdown voltage 
IR = 20µA 
VBR
600 
Volts 
Maximum diode reverse current 
VR = 480V 
IR
µA 
 
Rev. 20130619 


Similar Part No. - ZR01C

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
ZR011 STEGO-ZR011 Datasheet
367Kb / 1P
   DUAL THERMOSTAT
08.03.2022
logo
Digitron Semiconductors
ZR01A DIGITRON-ZR01A Datasheet
172Kb / 2P
   Inverted Series Suppressor Network
ZR01B DIGITRON-ZR01B Datasheet
172Kb / 2P
   Inverted Series Suppressor Network
ZR01D DIGITRON-ZR01D Datasheet
172Kb / 2P
   Inverted Series Suppressor Network
ZR01E DIGITRON-ZR01E Datasheet
195Kb / 2P
   Inverted Series Suppressor Network
More results

Similar Description - ZR01C

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
ZR01D DIGITRON-ZR01D Datasheet
172Kb / 2P
   Inverted Series Suppressor Network
ZR01B DIGITRON-ZR01B Datasheet
172Kb / 2P
   Inverted Series Suppressor Network
ZR01E DIGITRON-ZR01E Datasheet
195Kb / 2P
   Inverted Series Suppressor Network
ZR02A DIGITRON-ZR02A Datasheet
114Kb / 2P
   Inverted Series Suppressor Network
ZR01A DIGITRON-ZR01A Datasheet
172Kb / 2P
   Inverted Series Suppressor Network
ZR01F DIGITRON-ZR01F Datasheet
218Kb / 2P
   Inverted Series Suppressor Network
logo
Comchip Technology
CDA7Q24L COMCHIP-CDA7Q24L Datasheet
106Kb / 1P
   Diode Network / ESD Suppressor
CDA4S14L COMCHIP-CDA4S14L Datasheet
68Kb / 1P
   Diode Network / ESD Suppressor
CDA2Q20L COMCHIP-CDA2Q20L Datasheet
108Kb / 1P
   Diode Network / ESD Suppressor
CDA3S06G COMCHIP-CDA3S06G Datasheet
53Kb / 1P
   Diode Network / ESD Suppressor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com