Electronic Components Datasheet Search |
|
5KP7.0CA Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd. |
|
5KP7.0CA Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd. |
3 / 6 page Axial Lead Transient Voltage Suppressors (TVS) Revision September 25, 2013 3 / 6 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. 5KP Series 5.0 To 190 V 5000W SOCAY Electronics Co., Ltd. www.socay.com Part Number Breakdown Voltage VBR (V) @IT Uni Bi Reverse Stand-Off Voltage VRMW (V) MIN MAX Test Current IT (mA) Maximum Clamping Voltage VC @IPP (V) Maximum Peak Pulse Current IPP (A) Maximum Reverse Leakage IR @VRWM ( μA) 5KP45 5KP45C 45.0 50.00 61.10 1 80.3 62.27 5 5KP45A 5KP45CA 45.0 50.00 55.30 1 72.7 68.78 5 5KP48 5KP48C 48.0 53.30 65.10 1 85.5 58.48 5 5KP48A 5KP48CA 48.0 53.30 58.90 1 77.4 64.60 5 5KP51 5KP51C 51.0 56.70 69.30 1 91.1 54.88 5 5KP51A 5KP51CA 51.0 56.70 62.70 1 82.4 60.68 5 5KP54 5KP54C 54.0 60.00 73.30 1 96.3 51.92 5 5KP54A 5KP54CA 54.0 60.00 66.30 1 87.1 57.41 5 5KP58 5KP58C 58.0 64.40 78.70 1 103.0 48.54 5 5KP58A 5KP58CA 58.0 64.40 71.20 1 93.6 53.42 5 5KP60 5KP60C 60.0 66.70 81.50 1 107.0 46.73 5 5KP60A 5KP60CA 60.0 66.70 73.70 1 96.8 51.65 5 5KP64 5KP64C 64.0 71.10 86.90 1 114.0 43.86 5 5KP64A 5KP64CA 64.0 71.10 78.60 1 103.0 48.54 5 5KP70 5KP70C 70.0 77.80 95.10 1 125.0 40.00 5 5KP70A 5KP70CA 70.0 77.80 86.00 1 113.0 44.25 5 5KP75 5KP75C 75.0 83.30 102.00 1 134.0 37.31 5 5KP75A 5KP75CA 75.0 83.30 92.10 1 121.0 41.32 5 5KP78 5KP78C 78.0 86.70 106.00 1 139.0 35.97 5 5KP78A 5KP78CA 78.0 86.70 95.80 1 126.0 39.68 5 5KP80 5KP80C 80.0 88.96 108.80 1 143.2 34.92 5 5KP80A 5KP80CA 80.0 88.80 97.60 1 129.6 38.58 5 5KP85 5KP85C 85.0 94.40 115.00 1 151.0 33.11 5 5KP85A 5KP85CA 85.0 94.40 104.00 1 137.0 36.50 5 5KP90 5KP90C 90.0 100.00 122.00 1 160.0 31.25 5 5KP90A 5KP90CA 90.0 100.00 111.00 1 146.0 34.25 5 5KP100 5KP100C 100.0 111.00 136.00 1 179.0 27.93 5 5KP100A 5KP100CA 100.0 111.00 123.00 1 162.0 30.86 5 5KP110 5KP110C 110.0 122.00 149.00 1 196.0 25.51 5 5KP110A 5KP110CA 110.0 122.00 135.00 1 177.0 28.25 5 5KP120 5KP120C 120.0 133.00 163.00 1 214.0 23.36 5 5KP120A 5KP120CA 120.0 133.00 147.00 1 193.0 25.91 5 5KP130 5KP130C 130.0 144.00 176.00 1 231.0 21.65 5 5KP130A 5KP130CA 130.0 144.00 159.00 1 209.0 23.92 5 5KP140 5KP140C 140.0 155.68 190.40 1 250.6 19.95 5 5KP140A 5KP140CA 140.0 155.00 171.00 1 226.8 22.05 5 5KP150 5KP150C 150.0 167.00 204.00 1 268.0 18.66 5 5KP150A 5KP150CA 150.0 167.00 185.00 1 243.0 20.58 5 5KP160 5KP160C 160.0 178.00 218.00 1 287.0 17.42 5 5KP160A 5KP160CA 160.0 178.00 197.00 1 259.0 19.31 5 5KP170 5KP170C 170.0 189.00 231.00 1 304.0 16.45 5 5KP170A 5KP170CA 170.0 189.00 209.00 1 275.0 18.18 5 5KP180 5KP180C 180.0 201.00 244.80 1 322.2 15.52 5 5KP180A 5KP180CA 180.0 201.00 220.00 1 291.6 17.15 5 5KP190 5KP190C 190.0 211.21 258.40 1 340.1 14.70 5 5KP190A 5KP190CA 190.0 211.00 232.00 1 307.8 16.24 5 Note: 1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device 2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices 3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double Electrical Characteristics (TA=25℃ unless otherwise noted) (Continue) |
Similar Part No. - 5KP7.0CA |
|
Similar Description - 5KP7.0CA |