Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9LG0924P1F001 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9LG0924P1F001
Description  High Air Flow Long Life Fan San Ace 92L
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9LG0924P1F001 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9LG0924P1F001 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9LG0924P1F001 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9LG0924P1F001 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9LG0924P1F001 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CATALOG No. C1033B001 ‘14.2
3-33-1, Minami-Otsuka, Toshima-ku, Tokyo, 170-8451, Japan TEL: +81 3 5927 1020
http://www.sanyodenki.com
●The products shown in this catalog are subject to Japanese Export Control Law. Diversion contrary to the law of exporting country is prohibited.
●To protect against electrolytic corrosion that may occur in locations with strong electromagnetic noise, we provide fans that are unaffected by electrolytic corrosion.
The names of companies and/or their products specified in this catalog are the trade names, and/or trademarks and/or registered trademarks of such respective companies.
“San Ace” is a trademark of SANYO DENKI CO.,LTD.
Specifications are subject to change without notice.
High Air Flow Long Life Fan
92
9LG type
Note1: PWM Frequency: 25 kHz
Note2: Fans do not rotate when PWM duty cycle is 0%.
[m3/min] [CFM]
[Pa]
[inchH2O] [dB(A)]
[℃]
[h]
Model No.
Rated Voltage
[V]
Operating
Voltage Range
[V]
Rated Current
[A]
Rated Input
[W]
Max. Air Flow MAX. Static Pressure
SPL
Operating
Temperature
Expected
Life
PWM
Duty Cycle
(Note1, 2)
[%]
Rated Speed
[min-1]
92×92×38mm
Specifications
The following nos. have
PWM controls, pulse sensors.
Without Sensor
Pulse Sensor
Lock Sensor
Available options:
Please inquire as the availability of these functions depends on the model:
2.0
0.18
1.0
0.11
0.9
0.08
0.5
0.06
24.0
2.16
12.0
1.32
21.6
1.92
12.0
1.44
9,000
2,700
7,000
2,000
9,000
2,700
7,000
2,000
100
20
100
20
100
20
100
20
9LG0912P1H001
9LG0912P1F001
9LG0924P1H001
9LG0924P1F001
3.70
1.11
2.90
0.83
3.70
1.11
2.90
0.83
130.6
39.1
102.4
29.3
130.6
39.1
102.4
29.3
430
38.7
263
21.5
430
38.7
263
21.5
1.72
0.15
1.05
0.08
1.72
0.15
1.05
0.08
61
30
55
22
61
30
55
22
12
24
10.2 to 13.8
20.4 to 27.6
20 to 70
180,000
Common Specifications
□ Material ・・・・・・・・・・・・・・・・・・・・・・・・・・
□ Expected Life ・・・・・・・・・・・・・・・・・・・・・
□ Motor Protection System ・・・・・・・・・・
□ Dielectric Strength ・・・・・・・・・・・・・・・・
□ Sound Pressure Level (SPL) ・・・・・・・・
□ Operating Temperature ・・・・・・・・・・・・
□ Storage Temperature ・・・・・・・・・・・・・・
□ Lead Wire ・・・・・・・・・・・・・・・・・・・・・・・・
□ Mass ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・
Frame: Aluminum, Impeller: Plastics (Flammability: UL94V-1)
Refer to specifications
(L10: Survival rate: 90% at 60 , rated voltage, and continuously run in a free air state)
Current blocking function and reverse polarity protection
50 / 60 Hz, 500 VAC, 1 minute (between lead conductor and frame)
Expressed as the value at 1 m from air inlet side
Refer to specifications (Non-condensing)
-30 to +70 (Non-condensing)
+Red ○
ーBlack Sensor: Yellow Control: Brown
Approx. 270 g
High Air Flow and High Static Pressure
The maximum air flow of the San Ace 92L 9LG type is
approximately 1.6 times and the maximum static pressure is
approximately 4 times higher than that of our conventional long
life fan.*
Long Life
The San Ace 92L 9LG type has an expected life of 180,000 hours
(approximately 20 years), making this fan ideal for equipment that
must operate without maintenance for extended periods.
*: Specification of Model No. 9LG0912P1H001. Our conventional long life fan is
92 x 92 x 25 mm “San Ace 92L”, Model No. 9LG0912P4J001.
Features
Reference Dimension of Mounting Holes and Vent Opening (unit : mm)
Inlet Side
Outlet Side
φ1
08
82.5±0.3
4-φ4.5
90.5
φ1
03
82.5±0.3
4-φ4.5
90.5
Dimensions (unit : mm)
AWG24
UL1430
Lead Wire
Rotating Direction
Air Flow Direction
92±0.5
82.5±0.3
8-φ4.3±0.3
4±0.3
4±0.3
38±0.5
(10)
+30
300
0
Mounting Hole
Output circuit: Open collector
T14(1/4) T0
T14(1/4) T060/4N (sec)
N=Fan speed (min-1)
T0
(One revolution)
T1
0V
VOL
VOH
T2
T3
T4
Inside of DC fan
○ -
○ +
Specifications for Pulse Sensors
In case of steady running
Output Waveform
(Need pull-up resistor)
IC
(VCE)
Rated Voltage 12 V Fan
VCE=+13.8 V MAX.
Ic=5 mA MAX. [VOL=VCE
(SAT) =0.6 V MAX.]
Rated Voltage 24 V Fan
VCE=+30 V MAX.
Ic=10 mA MAX. [VOL=VCE
(SAT) =0.6 V MAX.]
Sensor output
Sensor Pull-up resistor
Pull-up voltage


Similar Part No. - 9LG0924P1F001

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9LG0924P4G001 SANYODENKI-9LG0924P4G001 Datasheet
409Kb / 5P
   Long Life Fan San Ace 92L 9LG type
9LG0924P4H001 SANYODENKI-9LG0924P4H001 Datasheet
409Kb / 5P
   Long Life Fan San Ace 92L 9LG type
9LG0924P4J001 SANYODENKI-9LG0924P4J001 Datasheet
409Kb / 5P
   Long Life Fan San Ace 92L 9LG type
9LG0924P4S001 SANYODENKI-9LG0924P4S001 Datasheet
409Kb / 5P
   Long Life Fan San Ace 92L 9LG type
More results

Similar Description - 9LG0924P1F001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
109L0912S401 ETC2-109L0912S401 Datasheet
136Kb / 2P
   Long Life Fan San Ace 92L
logo
SANYO DENKI CO., LTD.
9LG0912P4J001 SANYODENKI-9LG0912P4J001 Datasheet
409Kb / 5P
   Long Life Fan San Ace 92L 9LG type
logo
List of Unclassifed Man...
109L0612G401 ETC2-109L0612G401 Datasheet
123Kb / 2P
   Long Life Fan San Ace 60L
109L1412H101 ETC2-109L1412H101 Datasheet
104Kb / 2P
   Long Life Fan San Ace 140L
109L0812S401 ETC2-109L0812S401 Datasheet
121Kb / 2P
   Long Life Fan San Ace 80L
logo
SANYO DENKI CO., LTD.
9GL1212G101 SANYODENKI-9GL1212G101 Datasheet
217Kb / 3P
   Long Life Fan San Ace 120L 9GL type
9LG0612P4S001 SANYODENKI-9LG0612P4S001 Datasheet
471Kb / 5P
   Long Life Fan San Ace 60L 9LG type
9CRL0612P0G001 SANYODENKI-9CRL0612P0G001 Datasheet
164Kb / 2P
   Long Life Fan San Ace 60L 9CRL type
9CRL0812P8G001 SANYODENKI-9CRL0812P8G001 Datasheet
201Kb / 2P
   Long Life Fan San Ace 80L 9CRL type
9LG1412P5G001 SANYODENKI-9LG1412P5G001 Datasheet
307Kb / 5P
   Long Life Fan San Ace 140L 9LG type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com