Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S34B-PHDSS-B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # S34B-PHDSS-B
Description  Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S34B-PHDSS-B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  S34B-PHDSS-B Datasheet HTML 1Page - List of Unclassifed Manufacturers S34B-PHDSS-B Datasheet HTML 2Page - List of Unclassifed Manufacturers S34B-PHDSS-B Datasheet HTML 3Page - List of Unclassifed Manufacturers S34B-PHDSS-B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
60
PHD CONNECTOR
PC board layout (viewed from soldering side) and Assembly layout –––––––––––––––––––
5.0(.197)
0.7 +0.1
(.028 +.004)dia.
0
0
2.0
±0.05
(.079
±.002)
1.95
(.077)min.
11.8(.465)
)dia.
0.7 +0.1
(.028 +.004
0
0
2.0
±0.05
(.079
±.002)
1.95
(.077)min.
Circuit No.1
Even number
circuits
Odd number
circuits
Note:
1. Tolerances are non-cumulative:
±0.05mm(±.002") for all centers.
2. Hole dimensions differ according to the kind of PC board and piercing method. If printed circuit boards made of hard material are used, the hole
dimensions should be larger. The dimensions above should serve as a guideline. Contact JST for details.
Side entry type
Top entry type
Contact
Crimp applicator MKS-L-10
Compact crimp applicator MKS-LS-10
Strip-crimp applicator MKS-SC-10
with safety cover
without safety cover
with safety cover
without safety cover
with safety cover
Applicator for the semi-automatic press AP-K2N –––––––––––––––––––––––––––––––
SPHD-001T-P0.5
APLMK SPHD001-05
APLNC SPHD001-05
APLMKLS SPHD001-05
APLLSNC SPHD001-05
APLSC SPHD001-05
SPHD-002T-P0.5
APLMK SPHD002-05
APLNC SPHD002-05
APLMKLS SPHD002-05
APLLSNC SPHD002-05
APLSC SPHD002-05


Similar Part No. - S34B-PHDSS-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S34B-PUDSS-1 ETC2-S34B-PUDSS-1 Datasheet
305Kb / 4P
   2.0mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - S34B-PHDSS-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com