Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMR3-04 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMR3-04
Description  GENERAL PURPOSE RECTIFIER 3.0 AMP, 200 THRU 1,000 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMR3-04 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMR3-04 Datasheet HTML 1Page - Central Semiconductor Corp CMR3-04 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
232
CMR3-02
CMR3-04
CMR3-06
CMR3-10
GENERAL PURPOSE RECTIFIER
3.0 AMP, 200 THRU 1,000 VOLTS
SMC CASE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 3.0 Amp Surface Mount Silicon Rectifier is a high quality, well
constructed,highly reliable component designed for use in all types of commercial, industrial, entertainment,
computer, and automotive applications. To order devices on 16mm Tape and Reel (3000/13" Reel), add
TR13 suffix to part number.
MAXIMUM RATINGS: (TA=25
oC unless otherwise noted)
SYMBOL
CMR3-02
CMR3-04
CMR3-06
CMR3-10 UNITS
Peak Repetitive Reverse Voltage
VRRM
200
400
600
1000
V
DC Blocking Voltage
VR
200
400
600
1000
V
RMS Reverse Voltage
VR(RMS) 140
280
420
700
V
Average Forward Current(TA=75
oC) IO
3.0
A
Peak Forward Surge Current (8.3ms) IFSM
200
A
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +175
oC
Thermal Resistance
ΘJL
10
oC/W
ELECTRICAL CHARACTERISTICS: (TA=25
oC unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
VF
IF=3.0A
1.2
V
IR
VR=Rated VRRM
5.0
µA
IR
VR=Rated VRRM, TA=125
oC
250
µA
FEATURES:
LOW COST
SPECIAL SELECTIONS AVAILABLE
HIGH RELIABILITY
SUPERIOR LOT TO LOT
CONSISTENCY
GLASS PASSIVATED CHIP
“C” BEND CONSTRUCTION
PROVIDES STRAIN RELIEF WHEN
MOUNTED ON PC BOARD


Similar Part No. - CMR3-04

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMR3-04 CENTRAL-CMR3-04 Datasheet
280Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 3 AMP, 200 THRU 1100 VOLTS
CMR3-04 CENTRAL-CMR3-04 Datasheet
338Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
More results

Similar Description - CMR3-04

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMR1-02 CENTRAL-CMR1-02 Datasheet
190Kb / 2P
   GENERAL PURPOSE RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS
CMR1-02M CENTRAL-CMR1-02M Datasheet
86Kb / 2P
   GENERAL PURPOSE RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS
CPR4-020 CENTRAL-CPR4-020 Datasheet
77Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIER 3.0 AMP, 200 THRU 600 VOLTS
CMR2-02 CENTRAL-CMR2-02 Datasheet
370Kb / 2P
   GENERAL PURPOSE RECTIFIER 2.0 AMP, 200 THUR 1,000 VOLTS
CMR1F-02M CENTRAL-CMR1F-02M Datasheet
86Kb / 2P
   FAST RECOVERY RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS
CLLRH CENTRAL-CLLRH Datasheet
65Kb / 2P
   GENERAL PURPOSE RECTIFIER 0.5 AMP, 200 THRU 600 VOLTS
CMMR1 CENTRAL-CMMR1 Datasheet
72Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1.0 AMP, 200 THRU 1000 VOLTS
CMMR1 CENTRAL-CMMR1_10 Datasheet
280Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
CLLRH CENTRAL-CLLRH_10 Datasheet
301Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIER 0.5 AMP, 200 THRU 600 VOLTS
CMR1-02 CENTRAL-CMR1-02_10 Datasheet
295Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com