Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESAD25-04D Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # ESAD25-04D
Description  16.0 Ampere Dual Doubler Tandem Polarity Fast Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

ESAD25-04D Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  ESAD25-04D Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. ESAD25-04D Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25
oC ambient temperature unless otherwise specified.
NOTES :
Features
Low forward voltage drop
Fast switching for high efficiency
Glass passivated with high current capability
Case: Heatsink TO-3P/TO-247AD
High surge current capability
Weight: 5.6 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
(1) Reverse recovery test conditions IF= 0.5A, IR= 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
Epoxy: UL 94V-0 rate flame retardant
Unit : inch (mm)
®
ESAD25-02D thru ESAD25-06D
Pb Free Plating Product
ESAD25-02D thru ESAD25-06D
16.0 Ampere Dual Doubler Tandem Polarity Fast Recovery Rectifier Diodes
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Application
Pb
-55 to + 150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
140
200
400
280
600
420
600
16.0
10.0
175
0.98
35
250
90
2.2
UNIT
V
V
V
V
A
A
uA
uA
o
C
pF
oCW
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
o
C
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
o
C
Half sine-wave superimposed on rated load
(JEDEC method)
@ 8.0 A
At Rated DC Blocking Voltage @TJ=125
o
C
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
150
ESAD25-02C
ESAD25-02N
ESAD25-02D
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Suffix "N"
Suffix "D"
Suffix "C"
200
400
1.3
1.7
Automotive Inverters/Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
Rev.04/2014
Tandem Polarity
TO-247AD/TO-3P
0.640(16.25)
0.620(15.75)
0.142(3.60)
0.125(3.20)
0.087(2.20)
0.070(1.80)
0.126(3.20)
0.110(2.80)
0.050(1.25)
0.045(1.15)
0.225(5.70)
0.204(5.20)
0.225(5.70)
0.204(5.20)
0.199(5.05)
0.175(4.45)
0.095(2.40)
0.030(0.75)
0.017(0.45)
ESAD25-04C
ESAD25-04N
ESAD25-04D
ESAD25-06C
ESAD25-06N
ESAD25-06D


Similar Part No. - ESAD25-04D

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
ESAD25-02C THINKISEMI-ESAD25-02C Datasheet
249Kb / 2P
   16 Ampere Dual Common Cathode Fast Recovery Half Bridge Rectifiers
ESAD25-02N THINKISEMI-ESAD25-02N Datasheet
249Kb / 2P
   16 Ampere Dual Common Anode Fast Recovery Half Bridge Rectifiers
ESAD25-02S THINKISEMI-ESAD25-02S Datasheet
249Kb / 2P
   16 Ampere Reverse Series Connection Fast Recovery Half Bridge Rectifiers
More results

Similar Description - ESAD25-04D

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR1620CTD-CT THINKISEMI-MUR1620CTD-CT Datasheet
263Kb / 2P
   16.0 Ampere Heatsink Dual Tandem Polarity Ultra Fast Recovery Rectifier
MUR1620D THINKISEMI-MUR1620D Datasheet
264Kb / 2P
   16.0 Ampere Dual Doubler Polarity Ultra Fast Recovery Rectifier
MUR1680D THINKISEMI-MUR1680D Datasheet
4Mb / 2P
   16.0 Ampere Dual Doubler Polarity Ultra Fast Recovery Rectifier
GP1601D THINKISEMI-GP1601D Datasheet
266Kb / 2P
   16.0 Ampere Dual Doubler Tandem General Purpose Rectifier Diodes
MUR1620GD-CT THINKISEMI-MUR1620GD-CT Datasheet
262Kb / 2P
   16.0 Ampere Dual Doubler Polarity Ultra Fast Recovery Rectifier Diode
F12C20D THINKISEMI-F12C20D Datasheet
616Kb / 2P
   12.0 Ampere Doubler Tandem Fast Recovery Rectifier Diodes
MURB1620CTD THINKISEMI-MURB1620CTD Datasheet
262Kb / 2P
   16.0 Ampere Surface Mount Tandem Polarity Ultra Fast Recovery Rectifier
MUR1620E THINKISEMI-MUR1620E Datasheet
264Kb / 2P
   16.0 Ampere Reverse Doubler Polarity Ultra Fast Recovery Rectifier
TM802FCH THINKISEMI-TM802FCH Datasheet
385Kb / 2P
   16.0 Ampere Insulated Dual Tandem Polarity Super Fast Recovery Rectifiers
TM802FCTH THINKISEMI-TM802FCTH Datasheet
447Kb / 2P
   16.0 Ampere Insulated Dual Tandem Polarity Super Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com