Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9GV2048P0G201NOTE1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9GV2048P0G201NOTE1
Description  DC Fan San Ace 200
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9GV2048P0G201NOTE1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9GV2048P0G201NOTE1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9GV2048P0G201NOTE1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
181
風吹出方向
回転方向
リード線
AWG14
UL1015
220±1
208±0.5
188.4±0.5
4-φ4.3±0.15
4-φ4.5±0.2
深さ 10
70±0.5
12±0.4
12±0.4
330±30
10
4-φ4.3±0.15
φ208±0.3
φ
19
4
4-φ
4.5
Specifications The following nos. have PWM controls and pulse sensors.
DimensionsUnit : mm
φ
200mm×70mm
Mass1800g
General Specifications
Material……………………Frame: Aluminum, Impeller: Plastics (Flammability: UL94V-1)
Expected Life ……………Refer to specificationsL10:Survival rate:90% at 60,
rated voltage, and continuously run in a free air state
Lead Wire …………………
red
black Sensor yellow Control brown
Storage Temperature …−30to 70℃(Non-condensing
Power on when current is shut off. Do not power on 15sec or more after power off.
70mm thick (GV type), 70mm thick
San Ace 200
DC Fan
Reference dimension of mounting holes and vent openingUnit : mm
Inlet side, Outlet side
Rotating Direction
Air Flow Direction
Lead Wire
Depth 10
φ
200mm
Model No.
Rated Voltage Operating Voltage Range
PWM duty
cycle
[%]
Rated Current Rated Input Rated Speed
Max. Air Flow
Max. Static Pressure
SPL
Operating Temperature Expected Life
Note2)
[V][V][A][W][min
-1
[m³/min] [CFM][Pa][inchH²O][dB(A)][℃]
[h]
9GV2048P0G201
Note1
48
36 to 72
100
12.5
600
8,000
31.5
1,112
1,400
5.62
81
20 to 70
40,000/60
(70,000/40)
PWM Frequency1kHz
Note 1: Fan does not rotate when PWM duty cycle is 0%.
Note 2: Expected life at 40ambient is just reference value.
GV type
Available options: Without Sensor
Please inquire as the availability of these functions depend on the model. Lock Sensor


Similar Part No. - 9GV2048P0G201NOTE1

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9GV2048P0G201 SANYODENKI-9GV2048P0G201 Datasheet
222Kb / 2P
   DC Fan San Ace 200 9GV type
More results

Similar Description - 9GV2048P0G201NOTE1

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9GV2048P0G201 SANYODENKI-9GV2048P0G201 Datasheet
222Kb / 2P
   DC Fan San Ace 200 9GV type
logo
List of Unclassifed Man...
9GA0812P7G001 ETC2-9GA0812P7G001 Datasheet
181Kb / 4P
   DC Fan San Ace 80
9GE0412P3K03 ETC2-9GE0412P3K03 Datasheet
127Kb / 2P
   DC Fan San Ace 40
9GV0812P4K03 ETC2-9GV0812P4K03 Datasheet
180Kb / 4P
   DC Fan San Ace 80
9HV0812P1G001 ETC2-9HV0812P1G001 Datasheet
138Kb / 2P
   DC Fan San Ace 80
109P0912J401 ETC-109P0912J401 Datasheet
148Kb / 2P
   DC Fan San Ace 92
9GA0812P4J001 ETC2-9GA0812P4J001 Datasheet
198Kb / 4P
   DC Fan San Ace 80
9GA0912P1H03 ETC2-9GA0912P1H03 Datasheet
159Kb / 2P
   DC Fan San Ace 92
109P0812A201 ETC-109P0812A201 Datasheet
123Kb / 2P
   DC Fan San Ace 80
9GA0812P6G001 ETC2-9GA0812P6G001 Datasheet
140Kb / 2P
   DC Fan San Ace 80
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com