Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9GA0812P7S001 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 9GA0812P7S001
Description  DC Fan San Ace 80
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9GA0812P7S001 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  9GA0812P7S001 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9GA0812P7S001 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9GA0812P7S001 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9GA0812P7S001 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
84
0
20
60
80
40
0.2 0.4 0.6 0.8 1.0 1.2 1.4
0
10
20
30
40
50
0
0.1
0.2
0.3
→ 風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
PWM
デューティ
100%
50%
DC 24V
9GA0824P7S001
0
0.2
0.4
0.6
0.8
1.0
10
20
30
40
50
010
20
30
0
0.05
0.1
0.15
0.2
→ 風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
12V/24V
6V/12V
13.2V/26.4V
9GA0824P7S001
0
20
60
80
40
0.2 0.4 0.6 0.8 1.0 1.2 1.4
0
10
20
30
40
50
0
0.1
0.2
0.3
→ 風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
20.4V
24V
27.6V
PWM
デューティ100%
電圧:DC24V
PWM
周波数:25kHz
5,000min-1
0
100
3,000
2,000
4,000
5,000
1,000
PWM
デューティサイクル(%)
6,000
9GA0824P7S001
9GA0812H7001
9GA0824H7001
Air Flow
Air Flow
Air Flow
PWM Duty Cycle 100%
PWM Duty Cycle
With PWM speed control functionWith pulse sensor
With PWM speed control functionWith pulse sensor
With pulse sensor
PWM Duty Cycle%
Voltage24V DC
PWM Frequency25kHz
With PWM speed control functionWith pulse sensor


Similar Part No. - 9GA0812P7S001

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9GA0812P1G61 SANYODENKI-9GA0812P1G61 Datasheet
264Kb / 4P
   San Ace 80 9GA type
9GA0812P1H61 SANYODENKI-9GA0812P1H61 Datasheet
264Kb / 4P
   San Ace 80 9GA type
9GA0812P1S61 SANYODENKI-9GA0812P1S61 Datasheet
264Kb / 4P
   San Ace 80 9GA type
9GA0812P2H001 SANYODENKI-9GA0812P2H001 Datasheet
219Kb / 4P
   San Ace 80 9GA type
9GA0812P2M001 SANYODENKI-9GA0812P2M001 Datasheet
219Kb / 4P
   San Ace 80 9GA type
More results

Similar Description - 9GA0812P7S001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9GV0812P4K03 ETC2-9GV0812P4K03 Datasheet
180Kb / 4P
   DC Fan San Ace 80
9HV0812P1G001 ETC2-9HV0812P1G001 Datasheet
138Kb / 2P
   DC Fan San Ace 80
9GA0812P4J001 ETC2-9GA0812P4J001 Datasheet
198Kb / 4P
   DC Fan San Ace 80
109P0812A201 ETC-109P0812A201 Datasheet
123Kb / 2P
   DC Fan San Ace 80
9GA0812P6G001 ETC2-9GA0812P6G001 Datasheet
140Kb / 2P
   DC Fan San Ace 80
logo
SANYO DENKI CO., LTD.
9S0812H401 SANYODENKI-9S0812H401 Datasheet
215Kb / 2P
   DC Fan San Ace 80 9S type
9HV0812P1G601 SANYODENKI-9HV0812P1G601 Datasheet
204Kb / 3P
   DC Fan San Ace 80 9HV type
9HVA0812P1G001 SANYODENKI-9HVA0812P1G001 Datasheet
199Kb / 2P
   DC Fan San Ace 80 9HVA type
logo
List of Unclassifed Man...
9CRA0812P8G001 ETC2-9CRA0812P8G001 Datasheet
163Kb / 2P
   Counter Rotating Fan San Ace 80
9GE0412P3K03 ETC2-9GE0412P3K03 Datasheet
127Kb / 2P
   DC Fan San Ace 40
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com