Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9GA0812P7S001 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9GA0812P7S001
Description  DC Fan San Ace 80
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9GA0812P7S001 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9GA0812P7S001 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9GA0812P7S001 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9GA0812P7S001 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9GA0812P7S001 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
81
回転方向
風吹出方向
取付用穴
80±0.5
71.5±0.3
+50
300 0
リード線
AWG28
UL1007
(10)
4-φ4.5±0.3
15±0.5
(4)
(4)
DC Fan
15mm thick (GA type), 15mm thick, 20mm thick (GA type)
20mm thick, 25mm thick (GA type), 25mm thick (S type)
25mm thick (GV type), 25mm thick
25mm thick (San Cooler), 32mm thick (GA type)
32mm thick, 38mm thick (HV type), 38mm thick (GA type)
38mm thick (GV type), 38mm thick (G type)
San Ace 80
Specifications The following nos. have PWM controls, pulse sensors, and ribs.
The following nos.
have pulse sensors and ribs.
DimensionsUnit : mm(With PWM speed control function・With pulse sensor)
80×80×15mm
Mass65g
General Specifications
Material……………………Frame: Plastics (Flammability: UL94V-0),
Impeller: Plastics (Flammability: UL94V-0)
Expected Life ……………Refer to specifications (L10: Survival rate: 90% at 60,
rated voltage, and continuously run in a free air state)
Lead Wire …………………
red
black Sensor yellow Control (With PWM control function) brown
Storage Temperature …−30to 70℃(Non-condensing
Rotating Direction
Air Flow Direction
Lead Wire
80mmsq.
GA type
Model No.
Rated Voltage Operating Voltage Range
PWM duty
cycle
Note1)※[%]
Rated Current Rated Input Rated Speed
Max. Air Flow
Max. Static Pressure
SPL
Operating Temperature Expected Life
Note2)
[V][V][A][W][min
-1
[m³/min] [CFM][Pa][inchH²O][dB(A)][℃]
[h]
9GA0812P7G001
12
10.2 to 13.8
100
0.29
3.48
6,100
1.44
50.9
84.0
0.34
41
20 to 70
40,000/60
(70,000/40)
9GA0812P7S001
100
0.17
2.04
5,000
1.18
41.7
56.4
0.23
37
9GA0824P7G001
24
20.4 to 27.6
100
0.13
3.12
6,100
1.44
50.9
84.0
0.34
41
9GA0824P7S001
100
0.08
1.92
5,000
1.18
41.7
56.4
0.23
37
Model No.
Rated Voltage Operating Voltage Range Rated Current Rated Input Rated Speed
Max. Air Flow
Max. Static Pressure
SPL
Operating Temperature
Expected Life
Note)
[V][V][A][W][min
-1
[m³/min]
[CFM][Pa][inchH²O][dB(A)][℃]
[h]
9GA0812H70 01
12
6 to 13.2
0.09
1.08
3,800
0.89
31.4
32.6
0.13
29
20 to 70
40,000/60
(70,000/40)
9GA0824H70 01
24
12 to 26.4
0.05
1.20
3,800
0.89
31.4
32.6
0.13
29
PWM Frequency25kHz
Note 1: Fan does not rotate when PWM duty cycle is 0%.
Note 2: Expected life at 40ambient is just reference value.
Note: Expected life at 40ambient is just reference value.
Mounting Hole
Low Power Consumption Fan
Available options: Without Sensor
Pulse Sensor
Lock Sensor
Please inquire as the availability of these functions depend on the model. PWM Control


Similar Part No. - 9GA0812P7S001

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9GA0812P1G61 SANYODENKI-9GA0812P1G61 Datasheet
264Kb / 4P
   San Ace 80 9GA type
9GA0812P1H61 SANYODENKI-9GA0812P1H61 Datasheet
264Kb / 4P
   San Ace 80 9GA type
9GA0812P1S61 SANYODENKI-9GA0812P1S61 Datasheet
264Kb / 4P
   San Ace 80 9GA type
9GA0812P2H001 SANYODENKI-9GA0812P2H001 Datasheet
219Kb / 4P
   San Ace 80 9GA type
9GA0812P2M001 SANYODENKI-9GA0812P2M001 Datasheet
219Kb / 4P
   San Ace 80 9GA type
More results

Similar Description - 9GA0812P7S001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9GV0812P4K03 ETC2-9GV0812P4K03 Datasheet
180Kb / 4P
   DC Fan San Ace 80
9HV0812P1G001 ETC2-9HV0812P1G001 Datasheet
138Kb / 2P
   DC Fan San Ace 80
9GA0812P4J001 ETC2-9GA0812P4J001 Datasheet
198Kb / 4P
   DC Fan San Ace 80
109P0812A201 ETC-109P0812A201 Datasheet
123Kb / 2P
   DC Fan San Ace 80
9GA0812P6G001 ETC2-9GA0812P6G001 Datasheet
140Kb / 2P
   DC Fan San Ace 80
logo
SANYO DENKI CO., LTD.
9S0812H401 SANYODENKI-9S0812H401 Datasheet
215Kb / 2P
   DC Fan San Ace 80 9S type
9HV0812P1G601 SANYODENKI-9HV0812P1G601 Datasheet
204Kb / 3P
   DC Fan San Ace 80 9HV type
9HVA0812P1G001 SANYODENKI-9HVA0812P1G001 Datasheet
199Kb / 2P
   DC Fan San Ace 80 9HVA type
logo
List of Unclassifed Man...
9CRA0812P8G001 ETC2-9CRA0812P8G001 Datasheet
163Kb / 2P
   Counter Rotating Fan San Ace 80
9GE0412P3K03 ETC2-9GE0412P3K03 Datasheet
127Kb / 2P
   DC Fan San Ace 40
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com