Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDP-6 Datasheet(PDF) 1 Page - Major League Electronics

Part No. IDP-6
Description  Major League Electronics .050" cl x .100" cl Insulation Displacement Plug
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

IDP-6 Datasheet(HTML) 1 Page - Major League Electronics

  IDP-6 Datasheet HTML 1Page - Major League Electronics IDP-6 Datasheet HTML 2Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.050" cl x .100" cl Insulation Displacement Plug
IDP-6 SERIES
23 APR 07
Major League Electronics .050" cl x .100" cl Insulation Displacement Plug
Pins Per Row
Dimension
AB
5
.415 [10.55]
.200 [5.08]
10
.665 [16.90]
.450 [11.43]
13
.815 [20.71]
.600 [15.24]
15
.915 [23.25]
.700 [17.78]
17
1.015 [25.79]
.800 [20.32]
20
1.165 [29.60]
.950 [24.13]
25
1.415 [35.95] 1.200 [30.48]
30
1.665 [42.30] 1.450 [36.83]
34
1.865 [47.38] 1.650 [41.91]
40
2.165 [55.00] 1.950 [49.53]
50
2.665 [67.70] 2.450 [62.23]
Pins Per Row
IDP-6
Ordering Information
LF
-
-
-
Lead Free
-
XX D
02
T - XXX
Double
Style
02 = Tail Length .130 (3.3mm)
Polarized Position
010 - 100
Leave blank if not needed
Only available in:
05, 10, 13, 15, 17, 20, 25,
30, 34, 40, 50
Plating Options
- Matte Tin all Over
T
Standard plating = T
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Insulator
Contact
Insulation Resistance
Contact Resistance
PBT, glass reinforced, rated UL 94V-0
Phosphor Bronze
1000 MΩ min.
30 mΩ max.
Current Rating
Dielectric Withstanding
Operating Temperature
Terminated with
1 Amp
250 V AC for one minute
-40°C to +105°C
.025" (.635mm) pitch flat ribbon cable
Products cut to specific sizes are uncancellable/nonreturnable
Parts are subject to change without notice


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn