Electronic Components Datasheet Search |
|
FP0-E32RS Datasheet(PDF) 2 Page - Panasonic Semiconductor |
|
FP0-E32RS Datasheet(HTML) 2 Page - Panasonic Semiconductor |
2 / 20 page AFPX-C60 (Add-on cassette attached) AFPX-C30 (Add-on cassette attached) AFPX-C14 (Add-on cassette attached) 2 3 The processing speed of 0.32 µsec, sufficient for a compact PLC, is even applicable when high-speed scanning is required. *1: A 5-kstep program consisting of 35% basic instructions and 65% applied instructions (data transfer, four operations) 4-axis pulse output in a compact body Simultaneous 2-axis linear interpolation is possible in two pairs Servomotor and stepping motor control in production equipment has become increasingly diversified while requiring a greater number of axes – for example, electronic control for replacing cams, XY table + Z-axis control for cell-production and LCD alignment, 3D bending process of corrugated paper boxes and heat exchanger pipes, high-density coil winding operations etc. With such applications in mind, FP-X is a compact general-purpose PLC suited for small-scale equipment controls with its 4-axis pulse output built into the compact body, enabling multi-axis control in a very small space at a fraction of the equipment cost. Ultra High-speed Processing Easy-to-use Temperature Control Command (F356 EZPID) MEWTOCOL Master Function Ethernet Add-on Unit (Available Soon) Trace Function High-speed scan of 0.32 µs for a basic instruction (1.9 ms scan time for 5 ksteps*1) High Security Program protection with an 8-digit password and a function prohibiting uploads USB-port Equipped*3 Easy direct connection with a PC via a commercial USB cable (AB type) *3: Not provided with C14. (C14 comes with 3 axes) New Functions Introducing a Transistor Output Type The program capacity of 32 ksteps, exceeding the capacity of most compact PLCs, can flexibly handle a wide variety of applications requiring future equipment expansion. *2: C14: 16 ksteps Large Capacity with an Extra Margin Program capacity of 32 ksteps with a sufficient comment area*2 The add-on cassette easily enables functional enhancements when slightly more features are to be added, while keeping costs down. The expansion FP0 adapter enables the connection of 3 additional FP0 expansion units. Great Expandability with a Wide Variety of Options Max. I/O expansion of 300 points and further expansion with a function expansion cassette |
Similar Part No. - FP0-E32RS |
|
Similar Description - FP0-E32RS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |