Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKP252 Datasheet(PDF) 3 Page - Sanken electric

Part # FKP252
Description  MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FKP252 Datasheet(HTML) 3 Page - Sanken electric

  FKP252 Datasheet HTML 1Page - Sanken electric FKP252 Datasheet HTML 2Page - Sanken electric FKP252 Datasheet HTML 3Page - Sanken electric FKP252 Datasheet HTML 4Page - Sanken electric FKP252 Datasheet HTML 5Page - Sanken electric FKP252 Datasheet HTML 6Page - Sanken electric FKP252 Datasheet HTML 7Page - Sanken electric FKP252 Datasheet HTML 8Page - Sanken electric FKP252 Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MOSFET
FKP252
December. 2005
Sanken Electric Co.,Ltd.
T02-003EA-051206
Characteristic Curves
(Tc=25°C)
ID-VGS Characteristics (typical)
0
5
10
15
20
25
02
46
8
10
VGS (V)
VDS=10V
Tc=125℃
Tc= 25℃
Tc=-55℃
RDS(on)-ID Characteristics (typical)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0
5
10
15
20
25
ID (A)
VGS=10V
VDS-VGS Characteristics (typical)
0
1
2
3
4
1
10
100
VGS (V)
ID=25A
ID=12A
RDS(on) -Tc Characteristics (typical)
0.00
0.10
0.20
-100
-50
0
50
100
150
Tc (℃)
ID=12A
VGS=10V
ID-VDS Characteristics (typical)
0
5
10
15
20
25
02
46
8
10
VDS (V)
VGS=10
6.0
5.5
5.0
3/9


Similar Part No. - FKP252

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FKP252 SANKEN-FKP252 Datasheet
338Kb / 9P
   MOSFET
logo
Inchange Semiconductor ...
FKP252 ISC-FKP252 Datasheet
242Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FKP252

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
   MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
logo
International Rectifier
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
International Rectifier
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
Sanken electric
2SJ425 SANKEN-2SJ425 Datasheet
34Kb / 1P
   MOSFET
2SK1178 SANKEN-2SK1178 Datasheet
34Kb / 1P
   MOSFET
2SK2708 SANKEN-2SK2708 Datasheet
35Kb / 1P
   MOSFET
2SK2803 SANKEN-2SK2803 Datasheet
25Kb / 2P
   MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com