Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMOZ20V Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMOZ20V
Description  ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMOZ20V Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMOZ20V Datasheet HTML 1Page - Central Semiconductor Corp CMOZ20V Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
SOD-523 CASE - MECHANICAL OUTLINE
CMOZ2V4 THRU CMOZ43V
ULTRAmini
ZENER DIODE
2.4 VOLTS THRU 43 VOLTS
350mW, 5% TOLERANCE
R0 ( 16-November 2001)
ZENER
TEST
MAXIMUM
MAXIMUM
VOLTAGE
CURRENT
ZENER
REVERSE
MARKING
TYPE
VZ @ IZT
IMPEDANCE
CURRENT
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
IR @ VR
VOLTS
VOLTS
VOLTS
mA
µA
VOLTS
CMOZ15V
14.25
15
15.75
5.0
30
0.05
10.5
H0
CMOZ16V
15.20
16
16.80
5.0
40
0.05
11.2
J1
CMOZ18V
17.10
18
18.90
5.0
45
0.05
12.6
J2
CMOZ20V
19.00
20
21.00
5.0
55
0.05
14.0
J3
CMOZ22V
20.90
22
23.10
5.0
55
0.05
15.4
J4
CMOZ24V
22.80
24
25.20
5.0
70
0.05
16.8
J5
CMOZ27V
25.65
27
28.35
5.0
80
0.05
18.9
J6
CMOZ30V
28.50
30
31.50
5.0
80
0.05
21.0
J7
CMOZ33V
31.35
33
34.65
5.0
80
0.05
23.1
J8
CMOZ36V
34.20
36
37.80
5.0
90
0.05
25.2
J9
CMOZ39V
37.05
39
40.95
5.0
130
0.05
27.3
J0
CMOZ43V
40.85
43
45.15
5.0
150
0.05
30.1
K1
ELECTRICAL CHARACTERISTICS (CONTINUED):
LEAD CODE:
1) Cathode
2) Anode


Similar Part No. - CMOZ20V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMOZ20V CENTRAL-CMOZ20V Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ20V CENTRAL-CMOZ20V Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMOZ20VC CENTRAL-CMOZ20VC Datasheet
349Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 2% TOLERANCE
CMOZ20VC CENTRAL-CMOZ20VC Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - CMOZ20V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMOZ2L4 CENTRAL-CMOZ2L4 Datasheet
97Kb / 2P
   ULTRAmini. LOW LEVEL ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMPZ4099 CENTRAL-CMPZ4099 Datasheet
186Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 43 VOLTS 350mW,5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
BZX84C3V3 CENTRAL-BZX84C3V3 Datasheet
92Kb / 2P
   350mW ZENER DIODE 3.3 VOLTS THRU 33 VOLTS 5% TOLERANCE
CMOZ2V4C CENTRAL-CMOZ2V4C Datasheet
349Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 2% TOLERANCE
CMPZDA3V6 CENTRAL-CMPZDA3V6 Datasheet
103Kb / 2P
   DUAL ZENER DIODE 3.6 VOLTS THRU 33 VOLTS 350mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
   SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com