Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-D14VWA Datasheet(PDF) 1 Page - Rohm

Part # SML-D14VWA
Description  Original device technology enables high brightness and high reliability
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-D14VWA Datasheet(HTML) 1 Page - Rohm

  SML-D14VWA Datasheet HTML 1Page - Rohm SML-D14VWA Datasheet HTML 2Page - Rohm SML-D14VWA Datasheet HTML 3Page - Rohm SML-D14VWA Datasheet HTML 4Page - Rohm SML-D14VWA Datasheet HTML 5Page - Rohm SML-D14VWA Datasheet HTML 6Page - Rohm SML-D14VWA Datasheet HTML 7Page - Rohm SML-D14VWA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
lFeatures
lOutline
• Original device technology enables high brightness
and high reliability
lSize
1006 (0402)
1.0×0.6mm (t=0.2mm)
lDimensions
lRecommended Solder Pattern
lSpecifications
Typ.
IF
Max.
VR Min.*2 Typ. Max.*2 IF
Min. Typ.
IF
(V)
(mA) (mA)
(V)
(nm) (nm) (nm) (mA) (mcd) (mcd) (mA)
SML-D14VW(A)
627 630 634
71 100
611 615 619
90 160
SML-D14DW(A)
602 605 608
SML-D14YW(A)
587 590 593
SML-D14WW(A)
584 587 591
180
SML-D14MW(A)
(2.1)
12 568 571 574
35.5 60.0
*1:Duty1/10, 1kHz *2:Reference
: Under development
Reverse Current IR
Dominant Wavelength lD Luminous Intensity IV
20
20
10
20
5
200
112
SML-D14(A) series
Yellow
75
72
2.0
5
-
40 to +100
100*1
AIGaInP
Yellowish
Green
30
Orange
Red
Current
Electrical and Optical Characteristics (Ta=25ºC)
Emitting
Part No.
SML-D14U2W(A)
Topr(ºC)
Chip
Structure
Absolute Maximum Ratings (Ta=25ºC)
VR(V)
Voltage
Dissipation
Current
PD(mW) IF(mA)
Color
2.1
Power
Forward Peak Forward Reverse
Operating Temp.
Storage Temp.
Forward Voltag VF
Tstg(ºC)
IFP(mA)
-
40 to +100
(unit : mm)
Tolerance : 0.1
(unit : mm)
1608 (0603)
1.0×0.8mm (t=0.55mm)
Color
Type
V
U
D
Y
M
W
1/7
2014.01 - Rev.A


Similar Part No. - SML-D14VWA

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-D14VW ROHM-SML-D14VW Datasheet
650Kb / 11P
   Original device technology enables high brightness
More results

Similar Description - SML-D14VWA

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-D12Y3W ROHM-SML-D12Y3W Datasheet
555Kb / 11P
   Original device technology enables high brightness and high reliability
SML-E1X ROHM-SML-E1X Datasheet
572Kb / 12P
   Original device technology enables high brightness and high reliability
2017.3 - Rev.004
SML-D14 ROHM-SML-D14 Datasheet
442Kb / 8P
   Original device technology enables high brightness and high reliability
SML-51VW ROHM-SML-51VW Datasheet
167Kb / 3P
   Original device technology enables high brightness and high reliability
SML-D1 ROHM-SML-D1 Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
SML-P12YTT86 ROHM-SML-P12YTT86 Datasheet
919Kb / 11P
   Original device technology enables high brightness and high reliability
SML-D13VW ROHM-SML-D13VW Datasheet
491Kb / 11P
   Original device technology enables high brightness
SML-D14VW ROHM-SML-D14VW Datasheet
650Kb / 11P
   Original device technology enables high brightness
SML-E12V8W ROHM-SML-E12V8W Datasheet
578Kb / 13P
   Original device technology enables high brightness
SML-51 ROHM-SML-51_11 Datasheet
1Mb / 4P
   Original device technology enables high brightness
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com