Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV3C001ZP Datasheet(PDF) 1 Page - Rohm

Part # RV3C001ZP
Description  Pch -20V -100mA Small Signal MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RV3C001ZP Datasheet(HTML) 1 Page - Rohm

  RV3C001ZP Datasheet HTML 1Page - Rohm RV3C001ZP Datasheet HTML 2Page - Rohm RV3C001ZP Datasheet HTML 3Page - Rohm RV3C001ZP Datasheet HTML 4Page - Rohm RV3C001ZP Datasheet HTML 5Page - Rohm RV3C001ZP Datasheet HTML 6Page - Rohm RV3C001ZP Datasheet HTML 7Page - Rohm RV3C001ZP Datasheet HTML 8Page - Rohm RV3C001ZP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TENTATIVE
Data Sheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
RV3C001ZP
Pch -20V -100mA Small Signal MOSFET
Low voltage drive (
-1.2V) makes this
device ideal for partable equipment.
Drive circuits can be simple.
Built-in ESD Protection Diode.
lAbsolute maximum ratings(T
a = 25°C)
2)
3)
4)
Junction temperature
Tj
150
°C
Range of storage temperature
Tstg
-55 to +150
°C
Power dissipation
Gate - Source voltage
VGSS
10
V
PD
*3
100
mW
Continuous drain current
ID
*1
100
mA
Pulsed drain current
ID,pulse
*2
400
mA
Drain - Source voltage
VDSS
-20
V
Taping code
T2L
Marking
RX
Parameter
Symbol
Value
Unit
lPackaging specifications
Type
Packaging
Taping
lApplication
Reel size (mm)
180
Switching
Tape width (mm)
8
Basic ordering unit (pcs)
8,000
lFeatures
lInner circuit
lOutline
VDSS
-20V
VML0604
RDS(on) (Max.)
3.8
W
ID
-100mA
PD
100mW
1) Ultra Small Package (0.6×0.4×0.36mm)
°C/W
lThermal resistance
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Thermal resistance, junction - ambient
RthJA
*3
-
-
1250
*1 BODY DIODE
*2 ESD PROTECTION DIODE
(1) Gate
(2) Source
(3) Drain
1/10
2014.03 - Rev.A


Similar Part No. - RV3C001ZP

ManufacturerPart #DatasheetDescription
logo
Rohm
RV3C002UN ROHM-RV3C002UN Datasheet
691Kb / 11P
   Nch 20V 150mA Small Signal MOSFET
More results

Similar Description - RV3C001ZP

ManufacturerPart #DatasheetDescription
logo
Rohm
RV2C001ZP ROHM-RV2C001ZP Datasheet
765Kb / 11P
   Pch -20V -100mA Small Signal MOSFET
RZM001P02 ROHM-RZM001P02 Datasheet
2Mb / 13P
   Pch -20V -100mA Small Signal MOSFET
RV1C001ZP ROHM-RV1C001ZP Datasheet
701Kb / 11P
   Pch -20V -100mA Small Signal MOSFET
RU1C001ZP ROHM-RU1C001ZP Datasheet
2Mb / 13P
   Pch -20V -100mA Small Signal MOSFET
RV3CA01ZP ROHM-RV3CA01ZP Datasheet
2Mb / 13P
   Pch -20V -100mA Small Signal MOSFET
RE1C001ZP ROHM-RE1C001ZP Datasheet
2Mb / 13P
   Pch -20V -100mA Small Signal MOSFET
US6J41FRA ROHM-US6J41FRA Datasheet
1Mb / 14P
   -20V PchPch Small Signal MOSFET
20170706 - Rev.001
RV2C014BC ROHM-RV2C014BC Datasheet
2Mb / 14P
   Pch -20V -1.4A Small Signal MOSFET
RTR020P02HZG ROHM-RTR020P02HZG Datasheet
2Mb / 15P
   Pch -20V -2A Small Signal MOSFET
RW1C025ZP ROHM-RW1C025ZP Datasheet
2Mb / 13P
   Pch -20V -2.5A Small Signal MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com