Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV2C002UN Datasheet(PDF) 11 Page - Rohm

Part # RV2C002UN
Description  Nch 20V 180mA Small Signal MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RV2C002UN Datasheet(HTML) 11 Page - Rohm

Back Button RV2C002UN Datasheet HTML 3Page - Rohm RV2C002UN Datasheet HTML 4Page - Rohm RV2C002UN Datasheet HTML 5Page - Rohm RV2C002UN Datasheet HTML 6Page - Rohm RV2C002UN Datasheet HTML 7Page - Rohm RV2C002UN Datasheet HTML 8Page - Rohm RV2C002UN Datasheet HTML 9Page - Rohm RV2C002UN Datasheet HTML 10Page - Rohm RV2C002UN Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
R1102
A
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Notice
ROHM Customer Support System
http://www.rohm.com/contact/
Thank you for your accessing to ROHM product informations.
More detail product informations and catalogs are available, please contact us.
Notes
The information contained herein is subject to change without notice.
Before you use our Products, please contact our sales representative and verify the latest specifica-
tions :
Although ROHM is continuously working to improve product reliability and quality, semicon-
ductors can break down and malfunction due to various factors.
Therefore, in order to prevent personal injury or fire arising from failure, please take safety
measures such as complying with the derating characteristics, implementing redundant and
fire prevention designs, and utilizing backups and fail-safe procedures. ROHM shall have no
responsibility for any damages arising out of the use of our Poducts beyond the rating specified by
ROHM.
Examples of application circuits, circuit constants and any other information contained herein are
provided only to illustrate the standard usage and operations of the Products. The peripheral
conditions must be taken into account when designing circuits for mass production.
The technical information specified herein is intended only to show the typical functions of and
examples of application circuits for the Products. ROHM does not grant you, explicitly or implicitly,
any license to use or exercise intellectual property or other rights held by ROHM or any other
parties. ROHM shall have no responsibility whatsoever for any dispute arising out of the use of
such technical information.
The Products are intended for use in general electronic equipment (i.e. AV/OA devices, communi-
cation, consumer systems, gaming/entertainment sets) as well as the applications indicated in
this document.
The Products specified in this document are not designed to be radiation tolerant.
For use of our Products in applications requiring a high degree of reliability (as exemplified
below), please contact and consult with a ROHM representative : transportation equipment (i.e.
cars, ships, trains), primary communication equipment, traffic lights, fire/crime prevention, safety
equipment, medical systems, servers, solar cells, and power transmission systems.
Do not use our Products in applications requiring extremely high reliability, such as aerospace
equipment, nuclear power control systems, and submarine repeaters.
ROHM shall have no responsibility for any damages or injury arising from non-compliance with
the recommended usage conditions and specifications contained herein.
ROHM has used reasonable care to ensur the accuracy of the information contained in this
document. However, ROHM does not warrants that such information is error-free, and ROHM
shall have no responsibility for any damages arising from any inaccuracy or misprint of such
information.
Please use the Products in accordance with any applicable environmental laws and regulations,
such as the RoHS Directive. For more details, including RoHS compatibility, please contact a
ROHM sales office. ROHM shall have
no responsibility for any damages or losses resulting
non-compliance with any applicable laws or regulations.
When providing our Products and technologies contained in this document to other countries,
you must abide by the procedures and provisions stipulated in all applicable export laws and
regulations, including without limitation the US Export Administration Regulations and the Foreign
Exchange and Foreign Trade Act.
This document, in part or in whole, may not be reprinted or reproduced without prior consent of
ROHM.
1)
2)
3)
4)
5)
6)
7)
8)
9)
10)
11)
12)
13)
14)


Similar Part No. - RV2C002UN

ManufacturerPart #DatasheetDescription
logo
Rohm
RV2C001ZP ROHM-RV2C001ZP Datasheet
765Kb / 11P
   Pch -20V -100mA Small Signal MOSFET
More results

Similar Description - RV2C002UN

ManufacturerPart #DatasheetDescription
logo
Rohm
RUQ050N02FRA ROHM-RUQ050N02FRA Datasheet
2Mb / 15P
   Nch 20V 5A Small Signal MOSFET
RV8C010UNHZG ROHM-RV8C010UNHZG Datasheet
4Mb / 14P
   Nch 20V 1A Small Signal MOSFET
RUR040N02HZG ROHM-RUR040N02HZG Datasheet
2Mb / 15P
   Nch 20V 4A Small Signal MOSFET
RUF025N02FRA ROHM-RUF025N02FRA Datasheet
2Mb / 14P
   Nch 20V 2.5A Small Signal MOSFET
RQ6C050UN ROHM-RQ6C050UN Datasheet
2Mb / 15P
   Nch 20V 5A Small Signal MOSFET
RQ1C075UNHZG ROHM-RQ1C075UNHZG Datasheet
2Mb / 15P
   Nch 20V 7.5A Small Signal MOSFET
RV1C002UN ROHM-RV1C002UN Datasheet
751Kb / 11P
   Nch 20V 150mA Small Signal MOSFET
RUR040N02FRA ROHM-RUR040N02FRA Datasheet
2Mb / 14P
   Nch 20V 4A Small Signal MOSFET
RE1C001UN ROHM-RE1C001UN Datasheet
2Mb / 13P
   Nch 20V 100mA Small Signal MOSFET
RE1C002UN ROHM-RE1C002UN Datasheet
2Mb / 13P
   Nch 20V 200mA Small Signal MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com