Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP763V Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CP763V
Description  Power Transistor PNP - High Current Transistor Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CP763V Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CP763V Datasheet HTML 1Page - Central Semiconductor Corp CP763V Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GEOMETRY
PRINCIPAL DEVICE TYPE
CZT955
GROSS DIE PER 5 INCH WAFER
7,140
PROCESS CP763V
Power Transistor
PNP - High Current Transistor Chip
PROCESS DETAILS
Die Size
48.8 x 48.8 MILS
Die Thickness
7.1 MILS
Base Bonding Pad Area
7.9 x 7.9 MILS
Emitter Bonding Pad Area
9.1 x 18.1 MILS
Top Side Metalization
Al - 30,000Å
Back Side Metalization
Ti/Ni/Ag - 2,000Å/3,000Å/20,000Å
www.centr a lsemi.com
R0 (2-August 2012)


Similar Part No. - CP763V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP763V-CZT955 CENTRAL-CP763V-CZT955 Datasheet
814Kb / 4P
   PNP - High Current Transistor Die 4.0 Amp, 140 Volt
R0 29-October 2015
More results

Similar Description - CP763V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP635 CENTRAL-CP635 Datasheet
104Kb / 1P
   Power Transistor PNP - High Current Transistor Chip
CP348 CENTRAL-CP348 Datasheet
480Kb / 2P
   Power Transistor PNP - High Current Transistor Chip
CP714 CENTRAL-CP714 Datasheet
210Kb / 2P
   Small Signal Transistor PNP - High Current Transistor Chip
CP705 CENTRAL-CP705 Datasheet
211Kb / 2P
   Small Signal Transistor PNP - High Current Transistor Chip
CP705 CENTRAL-CP705_10 Datasheet
476Kb / 2P
   Small Signal Transistor PNP - High Current Transistor Chip
CP720 CENTRAL-CP720 Datasheet
216Kb / 2P
   Small Signal Transistor PNP - High Current Transistor Chip
CP219 CENTRAL-CP219 Datasheet
211Kb / 2P
   Power Transistor NPN - High Current Transistor Chip
CP219 CENTRAL-CP219_10 Datasheet
744Kb / 2P
   Power Transistor NPN - High Current Transistor Chip
CP645 CENTRAL-CP645 Datasheet
33Kb / 1P
   Power Transistor PNP, 8.0A Power Transistor Chip
CP704 CENTRAL-CP704_06 Datasheet
648Kb / 2P
   Small Signal Transistors PNP - High Current Transistor Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com